|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SIPAT Co.,Ltd Specifications Parameter Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Amplitude Ripple (f09.22MHz) www.sipatsaw.com China Electronics Technology Group Corporation No.26 Research Institute LBN09503 SAW Filter Electrical Characteristic Unit MHz dB MHz MHz MHz dB nsec usec dB C C DIP3512 45 56 128 LiNbO3 25 -40~85 (35.2x12.7x5.2mm3) - Minimum 94.89 18.5 19 - Typical 94.99 23.4 18.88 19.09 20.04 1 45 Maximum 95.09 27 21 1.2 90 Grpup Delay Variation (f09.22MHz) Absolute Delay Ultimate Rejection Subatrate Material Ambient Temperature Operation Temperature Package Size Typical Performance Type performance -24.0845 -34.0845 -44.0845 Magnitude(dB) -54.0845 -64.0845 -74.0845 -84.0845 -94.0845 -104.0845 75 80 85 90 95 100 Frequency(MHz) 105 110 115 Package Outline Matching Configuration L=180nH Source/Load Impedance=50 ohm Notes - Component values may change depending P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com |
Price & Availability of LBN09503 |