Part Number Hot Search : 
2500ET 557S110M MTA50HGV ISL6224 SRC12 S209R SMBJ12 AK4584
Product Description
Full Text Search
 

To Download KSC5088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
KSC5088
DESCRIPTION *High Collector-Base Voltage: VCBO = 1500V(Min) *High Switching Speed
APPLICATIONS *Designed for use in high definition color display horizontal deflection output application.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
VALUE 1500 800 6 8 15 4 50 150 -55~150
UNIT V V V A A A W
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 2.49 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
KSC5088
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 6A; IB= 1.5A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 6A; IB= 1.5A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 800V; IE= 0
10
A
IEBO
Emitter Cutoff Current
VEB= 4V; IC=0
1
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
8
hFE-2
DC Current Gain
IC= 6A; VCE= 5V
5
fT
Current-Gain--Bandwidth Product
IC= 1A ; VCE= 10V
3
MHz
Switching Times
ts
Storage Time IC= 6A; IB1= 1.2A; IB2= -2.4A; VCC= 200V
3.0
s
tf
Fall Time
0.2
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of KSC5088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X