Part Number Hot Search : 
2N6847 C4064 SKY77 A8421KL PA12M C1741A A8421KL 1N538
Product Description
Full Text Search
 

To Download KSC5031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
KSC5031
DESCRIPTION *High Breakdown Voltage: V(BR)CBO= 1100V(Min) *Fast Switching speed *Wide Area of Safe Operation *High Reliability
APPLICATIONS *Designed for switching regulator Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
1100
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
25
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
4
A
PC
140
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCEO(SUS) V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 COB fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Output Capacitance Current-Gain--Bandwidth Product CONDITIONS IC=5mA; RBE= IC= 4A; IB1= 0.4A;IB2= -0.8A L= 1mH, Clamped IC= 1mA; IE= 0 IE= 1mA; IC= 0 IC= 4A; IB= 0.8A
B
KSC5031
MIN 800 800 1100 7
TYP.
MAX
UNIT V V V V
2.0 1.5 10 10 10 8 155 15 40
V V A A
IC= 4A; IB= 0.8A
B
VCB= 800V; IE= 0 VEB= 5V; IC= 0 IC=0.6A ; VCE= 5V IC= 3A ; VCE= 5V IE= 0; VCB= 10V; ftest= 1.0MHz IC= 0.6A; VCE= 10V
pF MHz
Switching times ton tstg tf Turn-on Time Storage Time Fall Time IC= 6A , IB1= 1.2A; IB2= -2.4A RL= 66.7; VCC= 400V 0.5 3.0 0.3 s s s
hFE-1 Classifications N 10-20 R 15-30 O 20-40
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of KSC5031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X