Part Number Hot Search : 
SMCJ15CA 1N6157US AC120 BZM55C62 A0270164 03597 LTC10 1N6157US
Product Description
Full Text Search
 

To Download KSC5027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
KSC5027
DESCRIPTION *With TO-220C package *High voltage and high reliability *High speed switching *Wide area of safe operation
*
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1100 800 7 3 10 1.5 50 150 -55~150 UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT Cob PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=5mA ;IB=0 IC=1mA; IE=0 IE=1mA;IC=0 IC=1.5A ;IB=0.3A IC=1.5A ;IB=0.3A VCB=800V ;IE=0 VEB=5V; IC=0 IC=0.2A ; VCE=5V IC=1A ; VCE=5V IC=0.2A ; VCE=10V f=1MHz ; VCB=10V 10 8 15 60 MIN 800 1100 7
KSC5027
TYP.
MAX
UNIT V V V
2.0 1.5 10 10 40
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=5 IB1=-2.5IB2=2A VCC=400V RL=200 0.5 3.0 0.3 s s s
hFE-1 Classifications N 10-20 R 15-30 O 20-40
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
KSC5027
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
KSC5027
4


▲Up To Search▲   

 
Price & Availability of KSC5027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X