Part Number Hot Search : 
ON0750 ABI1103 NCP346 NCP346 BM6201FS TS3704M UC3844AD 4HC17
Product Description
Full Text Search
 

To Download KK74HC74AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74HC74A
Dual D Flip-Flop with Set and Reset
The KK74HC74A is identical in pinout to the LS/ALS74. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. This device consists of two D flip-flops with individual Set, Reset, and Clock inputs. Information at a D-input is transferred to the corresponding Q output on the next positive going edge of the clock input. Both Q and Q outputs are available from each flip-flop. The Set and Reset inputs are asynchronous. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION KK74HC74AN Plastic KK74HC74AD SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM
PIN ASSIGNMENT
FUNCTION TABLE
Inputs Set L H L PIN 14 =VCC PIN 7 = GND H H H H Reset H L L H H H H L H Clock X X X Data X X X H L X X Outputs Q H L H
*
Q L H H* L H
H L
No Change No Change
H H X No Change *Both outputs will remain high as long as Set and Reset are low, but the output states are unpredictable if Set and Reset go high simultaneously. X = don't care
1
KK74HC74A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP SOIC Package** Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
**
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. ** Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74HC74A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol Parameter Test Conditions VCC V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 2.0 85 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 20 125 C 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 80 A A V V Unit
VIH
Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
VIL
V
VOH
V
VOL
Maximum LowLevel Output Voltage
VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND VIN=VCC or GND IOUT=0A
3
KK74HC74A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
Symbol Parameter VCC V Guaranteed Limit 25 C to -55C 6.0 30 35 100 20 17 105 21 18 75 15 13 10 85C 125C Unit
fmax
Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) Maximum Propagation Delay, Clock to Q or Q (Figures 1 and 4) Maximum Propagation Delay, Set or Reset to Q or Q (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance Power Dissipation Capacitance (Per Flip-Flop) Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
4.8 24 28 125 25 21 130 26 22 95 19 16 10
4.0 20 24 150 30 26 160 32 27 110 22 19 10
MHz
tPLH, tPHL
ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN CPD
pF pF
Typical @25C,VCC=5.0 V 39
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
Symbol Parameter VCC V Guaranteed Limit 25 C to55C 80 16 14 3.0 3.0 3.0 8.0 8.0 8.0 60 12 10 60 12 10 1000 500 400 85C 125C Unit
tsu
Minimum Setup Time, Data to Clock (Figure 3)
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0
100 20 17 3.0 3.0 3.0 8.0 8.0 8.0 75 15 13 75 15 13 1000 500 400
120 24 20 3.0 3.0 3.0 8.0 8.0 8.0 90 18 15 90 18 15 1000 500 400
ns
th
Minimum Hold Time, Clock to Data (Figure 3)
ns
trec
Minimum Recovery Time, Set or Reset Inactive to Clock (Figure 2) Minimum Pulse Width, Clock (Figure 1)
ns
tw
ns
tw
Minimum Pulse Width, Set or Reset (Figure 2)
ns
tr, tf
Maximum Input Rise and Fall Times (Figure 1)
ns
4
KK74HC74A
Figure 1. Switching Waveform
Figure 2. Switching Waveform
Figure 3. Switching Waveform
Figure 4.Test Circuit
EXPANDED LOGIC DIAGRAM
5
KK74HC74A
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of KK74HC74AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X