Part Number Hot Search : 
HD74ACT M62525FP SS13EP MRF5943 BOURNS H11B3 SSCDA100 P1300
Product Description
Full Text Search
 

To Download HUR3030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUR3030
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Dimensions TO-247AC A C(TAB) C A=Anode, C=Cathode, TAB=Cathode A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
HUR3030
VRSM V 300
VRRM V 300
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight TC=25oC mounting torque typical
Test Conditions TC=145oC; rectangular, d=0.5 TVJ=45oC; tp=10ms (50Hz), sine TVJ=25 C; non-repetitive; IAS=3A; L=180uH VA=1.5.VR typ.; f=10kHz; repetitive
o
Maximum Ratings 70 30 300 1.2 0.3 -55...+175 175 -55...+150 165 0.8...1.2 6
Unit A A mJ A
o
C
W Nm g
HUR3030
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Symbol TVJ=25oC; VR=VRRM TVJ=150oC; VR=VRRM IF=30A; TVJ=150oC TVJ=25oC
Test Conditions
Characteristic Values typ. max. 250 1 0.91 1.25 0.9 0.25
Unit uA mA V K/W ns
IR VF RthJC RthCH trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC VR=100V; IF=50A; -diF/dt=100A/us; TVJ=100 C
o
30 7
A
FEATURES
* International standard package * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
HUR3030
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
60 A IF 40 TVJ=150C TVJ=100C TVJ= 25C 20 200 5 0 0.0 0 100 0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt 10 400 Qr 800 TVJ = 100C nC 600 IF = 60A IF = 30A IF = 15A 15 VR = 150V IRM 20 IF = 60A IF = 30A IF = 15A 30 A 25 TVJ = 100C VR = 150V
0.5
1.0 VF
V
1.5
Fig. 1 Forward current IF versus VF
1.4
Fig. 2 Reverse recovery charge Qr versus -diF/dt
90 ns TVJ = 100C VR = 150V
Fig. 3 Peak reverse current IRM versus -diF/dt
14 V VFR 12 tfr 0.8 VFR 0.6 10 0.4 0.2 8 0.0 600 A/us 1000 800 diF/dt TVJ = 100C IF = 30A 1.2 us 1.0 tfr
1.2 Kf 1.0 IRM
trr
80
70 IF = 60A 60 Qr IF = 30A IF = 15A
0.8
0.6
50
0.4 0 40 80 120 C 160 TVJ
40 0 200 400 600 -diF/dt 800 A/us 1000
0
200
400
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i Rthi (K/W) 0.465 0.179 0.256 ti (s) 0.005 0.0003 0.04
0.1 ZthJC 0.01
1 2 3
0.001
0.0001 0.00001
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case


▲Up To Search▲   

 
Price & Availability of HUR3030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X