Part Number Hot Search : 
BAS40 NR8576 ECG26 30CPQ035 C330M 2C150 00ETT TSOP2
Product Description
Full Text Search
 

To Download HDCE188G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH DENSITY CARD EDGE
Adam Technologies, Inc.
INTRODUCTION: Adam Tech HDCE Series EISA (Extended Industry Standard Architecture) Card Edge Connectors are .050" pitch 188 position dual level contact connectors specifically designed to mate with AT, XT and PC expansion cards. Our precision formed High Reliability contact system is contained within a Hi-Temp PPS body which features a close tolerance polarizing slot and card edge lead-in area for superior mating. FEATURES: High density .050" Centerlines Compatible with PC, XT & AT Durable Long Life cycle contacts High Pressure Contacts for Low Level Circuits MATING PC BOARDS: All .050" centerline printed circuit board pads with a thickness of .062" to .072" SPECIFICATIONS: Material: Standard insulator: PPS, 30% glass reinforced, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Color: Dark Brown (Black optional) Contacts: Phosphor Bronze Contact Plating: Gold Flash (30 in Optional) over Nickel underplate on contact area, tin over copper underplate on tails. Electrical: Operating voltage: 125V AC max. Current rating: 3 Amps max. Contact resistance: 20 m max. initial Insulation resistance: 1000 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 7 oz max. Withdrawal force: 0.9 oz min Temperature Rating: Operating temperature: -55C to +105C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
OPTIONS: Add designator(s) to end of part number 30 = 30 in gold plating in contact area BK = Black color insulation HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C
.050" [1.27] CENTERLINE EISA CONNECTOR
HDCE SERIES
ORDERING INFORMATION HDCE 188 G
SERIES INDICATOR HDCE = EISA Card Edge Connector
PLATING G = Selectively gold plated contacts
POSITIONS 188
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
174
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
HIGH DENSITY CARD EDGE
Adam Technologies, Inc.
.050" [1.27] CENTERLINE EISA CONNECTOR
HDCE SERIES
HDCE-188-G
5.10 [129.55] 1.85 [47.00] .050 [1.27] 3.05 [77.47]
.100 [2.54]
.200 [5.08] 5.463 [138.77]
.366 [9.30]
.060 [1.52]
.617 [15.68]
.118 [3.00]
3.30 [83.82]
.300 [7.62]
.114 [2.90] .150 [3.81] 1.70 [43.18] .264 [6.71] .136 [3.45] .300 [7.62] .100 [2.54] .100 [2.54] o.042 [1.07] 3.30 [83.82] .150 [3.81] .050 [1.27] TYP. o.096 [2.44] .050 [1.27] 3.00 [76.20]
Recommended PCB Layout
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
175


▲Up To Search▲   

 
Price & Availability of HDCE188G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X