Part Number Hot Search : 
78DL09P KBP005 F060214 R1B05F0 SMAW250 SN8P1700 SM5102 NCE8205
Product Description
Full Text Search
 

To Download GRM32ER60J107M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Monolithic Ceramic Capacitor
Electrical Characteristics Data 1210 X5R 100uF 6.3V Murata Global Part No : GRM32ER60J107M
1. Dimension 3. Impedance/ESR - Frequency
Equipment: 4294A(16044A)
T W
W 2.50.2
1000
Impedance
100 ( mm) T 2.50.2
ESR
Impedance/ESR (ohm)
L
L 3.20.3
10 1 0.1 0.01 0.001 0.0001 0.0001
2. Cap,DF,IR
Capacitance,DF 120Hz , 0.5Vrms IR Item Cap.[uF] DF IR[M ohm] 6.3V , 60s Spec 80 to 120 0.1 max 0.5 min
0.001
0.01
0.1
1
10
Frequency (MHz)
4. Capacitance - Temperature Characteristics
Equipment: 40 4284A
5. Temperature Rise - Ripple Current
Equipment: 100 CVHF-400
Cap. Change (%)
0 -20 -40 -60 -80 -100 -60 -40 -20 0 20 40 60 80 100 120 140
Temperature Rise (deg.C)
20
No Bias
10
1
100kHz 500kHz 1MHz
0.1 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Temperature (deg.C)
Current (Arms)
6. Capacitance - DC Voltage Characteristics
Equipment: 20 0 4284A
7. Capacitance - AC Voltage Characteristics
Equipment: 30 20 10 4284A
Cap. Change (%)
Cap. Change (%)
-20 -40 -60 -80 -100 0 2 4 6 8
0 -10 -20 -30 -40 -50 -60 0 0.5 1 1.5 2 2.5
Voltage (Vdc)
This PDF has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.Product specifications in this PDF are as of Aug 2005. They are subject to change or our products in it may be discontinued without advance notice
Voltage (Vrms)


▲Up To Search▲   

 
Price & Availability of GRM32ER60J107M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X