Part Number Hot Search : 
X25080PI FAN1582 V470M ML6553 ABPX1101 64T1280 TDA7210V S29GL03
Product Description
Full Text Search
 

To Download GP10Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0A Sintered Glass Passivated Rectifier GP10Q - GP10MM
1.0A Sintered Glass Passivated Rectifier
Features
* * * * Sintered glass passivated (SGP) rectifier chip Capable of meeting environmental standards of MIL-S-19500 1.0A operation at TA=75 C and 55 C with no thermal runaway High temperature soldering guaranteed: 260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS Compliance
DO-41 (DO-204AL)
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-204AL(DO-41) molded plastic body Plastic package has UL flammability classification 94V-0 Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.012 ounces, 0.3 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current GP10Q 1200 840 1200 GP10V 1400 980 1400 GP10Y 1600 1120 1600 1.0 GP10Z 1800 1260 1800 GP10MM 2000 1400 2000 Unit V V V A 0.375" (9.5mm) lead length (Fig.1) 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV)
IFSM
30
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/AH 2008-01-11 Page 1 of 4
1.0A Sintered Glass Passivated Rectifier GP10Q - GP10MM
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance Operating Junction and Storage Temperature Range GP10Q GP10V 1.25 5 A 50 10 55 pF C / W TA=100 C VR=4V, f=1MHz Note GP10Y GP10Z GP10MM 2.0 Unit V Conditions IF=1.0 A TA=25 C
VF IR CJ RthJA TJ, TSTG
-65 to +175
C
Note: Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B mounted.
Typical Characteristics Curves
Average Forward Rectified Current (A) Fig.1-Max. Forward Current Derating Curve Peak Forward Surge Current (A) Ambient Temperature Ta (C) Fig.2-Max. Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Rev. B/AH 2008-01-11 www.taitroncomponents.com Page 2 of 4
1.0A Sintered Glass Passivated Rectifier GP10Q - GP10MM
Fig.3- Typical Instantaneous Forward Characteristics Instantaneous Reverse Leakage Current (A)
Instantaneous Forward Current (A)
Fig.4-Typical Reverse Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. B/AH 2008-01-11 www.taitroncomponents.com Page 3 of 4
1.0A Sintered Glass Passivated Rectifier GP10Q - GP10MM
Dimensions in inches (mm)
How to contact us:
DO-41 (DO-204AL)
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. B/AH 2008-01-11 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of GP10Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X