Part Number Hot Search : 
2FTR16SG EC12E12 680TL C330M SM2827 AUIRF MAX9986 A2603
Product Description
Full Text Search
 

To Download GC10216R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GC70...R
BAR CLAMP FOR HOCKEY PUK DEVICES
Clamping total thikness of assembly from 26mm to 126mm Pre-loaded to the specific clamping force (5 / 12 kN) Maximum device diameter: 57mm Surface passivation to provide extra protection Hexagon head bolt partially threaded M8x1.25, UNI5737, 8.8 steel Various lengths of bolts and insulators Round shaped clamping head for optimal clamping force application Four styles available User friendly clamping force indicator UL94 certified insulation material
Parameter
Unit g
Types 'GC70S...R GC70B...R GC70...05R GC70...08R GC70...10R GC70...12R
Testing conditions
Notes Min 420 590
Values Typ Max 520 730 05 08 10 12 10%
Weight
Clamping Force*
kN
Clamping Force tolerance Insulation Voltage VRMS 1 min Noryl E121562 C mm mm C mm UL94 V-1 Flame class rating UL94 V-0 Flame class rating CSA Flammability mm mm * Other clamping forces available: contact factory
** Noryl is a registered trade mark of General Electric
3000
Insulating Material
UL File Max. working temperature Creepage distance: Clearance distance: Storage temperature
-30 28 20.3 -40 1.5 8.00 1.00
110
110
Flammability
Document GC70...RT001
BAR CLAMP FOR HOCKEY PUK DEVICES
GC70...R
ORDERING INFORMATION TABLE
Clamps can be ordered using the following part numbering system
GC70
B
(1)
N
(2)
B
(3)
A
(4)
10
(5)
R
S
(6)
(1) Construction type: (2) Insulator position: (3) Insulator code: (4) Bolt code: (5) Clamping force (in kN):
B = with double bar S = with single bar N = upper side R = lower side see table below see table below 05 08 10 12
K
(6) Special accessories
blank = no accessories S = extra bar spacer D = pressure disc in place of pressure bar
For thicknesses S' Min < K < S Min an additional 4mm thick bar spacer is needed (see list of special accessories)
Type GC70BN...R: suggested insulator/bolt types Allowed clearance S
S' Min [mm]** 26 36 46 56 66 76 86 S Min [mm] 30 40 50 60 70 80 90 S Max [mm] 45 55 65 75 85 95 105 (3) A A B B C C C Insulator choice Ins. Length [mm] 50 50 70 70 95 95 95 (4) Z A B C D E F Bolt choice Bolt Length [mm] 100 110 120 130 140 150 160 Max height T [mm] 110 120 130 140 150 160 170
** with additional bar spacer only
Type GC70BR...R: suggested insulator/bolt types Allowed clearance S Insulator choice
S' Min [mm]** 26 36 46 56 66 76 86 S Min [mm] 30 40 50 60 70 80 90 S Max [mm] 45 55 65 75 85 95 105 (3) A A B B B C C Ins. Length [mm] 50 50 70 70 70 95 95 (4) Z A B C D E F
Bolt choice Bolt Length [mm] 100 110 120 130 140 150 160
K
K: Total thickness of the assembly to be clamped
Max height T [mm] 123 133 143 153 163 173 183
** with additional bar spacer only
Type GC70SN...R: suggested insulator/bolt types Allowed clearance S Insulator choice
S' Min [mm]** 35 45 55 65 75 85 95 S Min [mm] 39 49 59 69 79 89 99 S Max [mm] 54 64 74 84 94 104 114 (3) A B B C C C D Ins. Length [mm] 50 70 70 95 95 95 120 (4) Z A B C D E F
Bolt choice Bolt Length [mm] 100 110 120 130 140 150 160
Max height T [mm] 109.5 119.5 129.5 139.5 149.5 159.5 169.5
** with additional bar spacer only
Type GC70SR...R: suggested insulator/bolt types Allowed clearance S Insulator choice
S' Min [mm]** 47 57 67 77 87 97 107 S Min [mm] 51 61 71 81 91 101 111 S Max [mm] 66 76 86 96 106 116 126 (3) B B B C C D D Ins. Length [mm] 70 70 70 95 95 120 120 (4) Z A B C D E F
Bolt choice Bolt Length [mm] 100 110 120 130 140 150 160
Max height T [mm] 123 133 143 153 163 173 183
** with additional bar spacer only Document GC70...RT001
4
3
BAR CLAMP FOR HOCKEY PUK DEVICES
GC70...R
95
BAR CLAMP OUTLINES
14
95
12
12
50 up to 120
17
O12 58
T
17
50 up to 120
4
S
58
12
21
70
14
70
25
GC70BN...R
95
GC70BR...R
95
14
12
50 up to 120
17
12
17
25 T 50 up to 120
O12 58
35
70
O12 58
S
22 Min.
70
25
14
GC70SN...R
GC70SR...R
Dimensions in mm - Tolerances according to ISO 2768 MK
Document GC70...RT001
25
S
T
S T
O12
48
BAR CLAMP FOR HOCKEY PUK DEVICES
GC70...R
PRESSURE DISC
S Min
SPECIAL ACCESSORIES The following special accessories are available on request (see ordering information table) Bar spacer
95
S Max
OPTIONAL BAR SPACER
S' Min
O13
Pressure disc Suggested groove diameter 27mm +/- 0.5
O24
Dimensions in mm - Tolerances according to ISO 2768 MK In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.
Document GC70...RT001
4
4
25


▲Up To Search▲   

 
Price & Availability of GC10216R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X