Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download GBU1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU10005 thru GBU1010
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -220 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE FORWARD CURRENT GBU
.437(11.1) .430(10.9) .874(22.2) .860(21.8)
- 50 to 1000Volts - 10.0 Amperes
.126(3.2)*45 CHAMFER
.139(3.53) .133(3.37)
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
.752(19.1) .720(18.3) .073(1.85) .057(1.45)
.154(3.9) .146(3.7) .232(5.9) .224(5.7) .401(10.2) .392(9.80)
.720(18.29) .680(17.27) .047(1.2) .035(0.9)
.100(2.54) .085(2.16) .080(2.03) .065(1.65) .106(2.7) .091(2.3)
Dimensions in inches and (milimeters)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.022(.56) .018(.46)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
GBU 10005 50 35 50
GBU 1001 100 70 100
GBU 1002 200 140 200
GBU 1004 400 280 400 10.0 3.0 220 1.1 10.0 500 200 70 2.2 -55 to +150 -55 to +150
GBU 1006 600 420 600
GBU 1008 800 560 800
GBU 1010 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V A A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
~ 480 ~
RATING AND CHARACTERTIC CURVES GBU10005 thru GBU1010
FIG.1-MAXIMUM FORWARD SURGE CURRENT AVERAGR FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 400 350 300 250 200 150 100 50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100 40
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
30
20
10
0 50 100 150 CASE TEMPERATURE
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=25C
0.1
0.1
0.01 0.4
0.01 0.6 0.8 1.0 1.2 1.4 1.6 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 481 ~


▲Up To Search▲   

 
Price & Availability of GBU1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X