Part Number Hot Search : 
MC1494 1210M MT1389 NT300 KR150 1N4739 SZ2511 IR91B
Product Description
Full Text Search
 

To Download GBF08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GBM/FXX
BOX CLAMP FOR HOCKEY PUKS DO-200 AA, B-3, TO-200AB (A AND E TYPE) User friendly assembly UL 94V0 Plastic material M8 or M10 upper threads or threaded holes Rugged construction Self adapting to the above industry standard puks. Contact Factory for special types
Characteristic
Upper threaded connection Threaded hole x depth [mm] Plastic body colour Max Operating temperature Allowed semiconductor diameter - max Mass - without nuts and bolts
GBM08 Value
M8 Grey 90 42 200 C mm g
GBM10 Value
M10
GBF08 Value
M8 x 10
GBF10 Value
M10 x 12 Grey C 90 42 210 C mm g
Grey 90 42 220 C mm g
Grey 90 42 190 mm g
Ordering information
For type GBM08 and GBM10 nuts can be supplied. Add -xN to the code, x is the number of nuts required. Example : GBM10-2N
Clamping force (F) vs. Hockey puk thickness (h)
10 9 8 7 6 5 4 3 2 1 0 13.2 13.4 13.6 13.8
F [kN]
14
14.2 14.4 14.6 14.8
15
15.2 15.4 15.6
h [mm]
Document GBM/FXXT002
BOX CLAMP FOR HOCKEY PUKS
GBM/FXX
GBM08
GBF08
GBM10
GBF10
Dimensions in mm - Tolerances according to ISO 2768MK In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without
notice.


▲Up To Search▲   

 
Price & Availability of GBF08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X