Part Number Hot Search : 
00080 74HC299 SMC13C CPC5603C MM3033E 00035 RN2909 PE9375
Product Description
Full Text Search
 

To Download FRF506G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRF501G - FRF507G
Isolated 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers ITO-220AB
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, Lead free. Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C /10 seconds 0.25",(6.35mm) from case. Mounting position: Any Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @2.5A Maximum DC Reverse Current o @T C =25 C at Rated DC Blocking Voltage o @ T C =125 C Maximum Reverse Recovery Time (Note1) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance ( Note 3 )
Symbol FRF FRF FRF FRF FRF FRF FRF Units 501G 502G 503G 504G 505G 506G 507G V RRM 50 100 200 400 600 800 1000 V V RMS 35 70 140 280 420 560 700 V V DC 50 100 200 400 600 800 1000 V I(AV) IFSM VF IR Trr
Cj
5.0 30 1.5 5.0 100 150 250 140 4.0 -65 to +150 500
A A V uA uA nS pF o C/W o C
R JC
Operating and Storage Temperature Range T J, T STG 1. Reverse Recovery Test Conditions: I F =0.5A, I R =1.0A, I RR =0.25A Notes: 2. Measured at 1MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Heatsink Size 2" x 3" x 0.25" Al-Plate.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (FRF501G THRU FRF507G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
5
AVERAGE FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
4
3
100
2
Tj=125 0C 10
1
0 0 50 100
o
150
LEAD TEMPERATURE. ( C)
1.0 Tj=25 0C
30
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
0.1
PEAK FORWARD SURGE CURRENT. (A)
0
20
40
60
80
100
120
140
25
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
20
8.3ms Single Half Sine Wave JEDEC Method
15
10
5
0 1 2 5 10 20 50 100 8.0 4.0 NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL FORWARD CHARACTERISTICS PER LEG
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
300
INSTANTANEOUS FORWARD CURRENT. (A)
2.0 1.0
250
CAPACITANCE.(pF)
200
0.4 0.2 0.1
150
100 Tj=25 0C f=1.0MHz Vsig=50mVp-p
0.04 0.02 0.01 0.8 Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.9 1.0 1.1 1.2 1.3 1.4 1.5
50
0 0.1 0.5 1.0 5 10 50 100 500 1000 REVERSE VOLTAGE. (V)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of FRF506G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X