Part Number Hot Search : 
D5012UK 20LM3 SK1060D1 MSQ6441C 07010 TIC22 N81610M 74409
Product Description
Full Text Search
 

To Download FAN9612M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
February 2009
FAN9612 Interleaved Dual BCM PFC Controller
Features
Low Total Harmonic Distortion, High Power Factor 180 Out of Phase Synchronization Automatic Phase Disable at Light Load 1.8A Sink, 0.8A Source, High Current Gate Drivers Trans-conductance (gM) Error Amplifier Voltage-Mode Control with (VIN) Feed Forward Closed-Loop Soft-Start with User-Programmable Soft-Start Time for Reduced Overshoot Minimum Restart Timer Frequency to Avoid Audible Noise Maximum Switching Frequency Clamp Brown-Out Protection with Soft-Recovery Non-Latching OVP on FB pin and Latching Second Level Protection on OVP Pin Open Feedback Protection Over-Current & Power-Limit Protection for Each Phase Low Start-Up Current of 80-A Typical Works with DC, 50Hz to 400Hz ac Inputs
2
Description
The FAN9612 Interleaved Dual Boundary-ConductionMode (BCM) Power-Factor-Correction Controller operates two parallel-connected boost power trains 180 out of phase. Interleaving extends the maximum practical power level of the control technique from about 300W to greater than 800W. Unlike the continuous conduction mode (CCM) technique often used at higher power levels, BCM offers inherent zero-current switching of the boost diodes (no reverse-recovery losses), which permits the use of less expensive diodes without sacrificing efficiency. Furthermore, the input and output filters can be made smaller due to ripple current cancellation and effective doubling of the switching frequency. The converters operate with variable frequency which is a function of the load and the instantaneous input / output voltages. The switching frequency is limited between 18kHz and 600kHz. The Pulse Width Modulators implement voltage-mode control with input voltage feed forward. When configured for PFC applications, the slow voltage regulation loop results in constant on-time operation within a line cycle. This PWM method combined with the BCM operation of the boost converters provides automatic power factor correction. The FAN9612 offers bias UVLO, input brown-out, input over-voltage, over-current, open feedback, overtemperature, output over-voltage and redundant latching over-voltage protections. Furthermore, the converters' output power is limited independently of the input RMS voltage. Synchronization between the power stages is maintained under all operating conditions. The FAN9612 is available in Lead(Pb)-Free 16-lead SOIC package.
Applications
100-1000W Off-line Power Supplies Large Screen LCD-TV, PDP-TV, RP-TV Power High-End Desktop PC and Server Power Supplies 80-PLUS Certified Equipment
Simplified Application Diagram
ZCD1
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
ZCD2
www.fairchildsemi.com
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Ordering Information
Part Number
FAN9612M FAN9612MX Notes: All packages are lead free per JEDEC: J-STD-020B standard.
Package
SOIC-16 SOIC-16
Packing Method
Tube / Box Tape & Reel
Packing (Quantity)
48 / 4800 2500
Package Outlines
ZCD1 ZCD2 5VB MOT AGND SS COMP FB 1 2 3 4 5 6 7 8 16 CS1 CS2
15 14 13 12 11 10 9
VDD DRV1 DRV2
PGND VIN OVP
Figure 1. SOIC-16 (Top View)
Thermal Resistance Table
Thermal Resistance Package
16-Lead SOIC
Suffix
M
JL
(1)
JA
(2)
(3)
35C/W
50 - 120C/W
Notes: 1. Typical JL is specified from semiconductor junction to lead. 2. Typical JA is dependent on the PCB design and operating conditions, such as air flow. The range of values covers a variety of operating conditions utilizing natural convection with no heatsink on the package. 3. This typical range is an estimate; actual values depend on the application.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 2
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Typical Application Diagram
Figure 2. Typical Application Diagram
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 3
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Block Diagram
CHANNEL 1 VALLEY DETECTOR SYNCHRONIZATION RESTART TIMERS FREQUENCY CLAMPS
ZCD1
1
16 A B
CS1
ZCD2
2
CHANNEL 2 VALLEY DETECTOR 0.2V VDD 5V VDD 5V BIAS K1 IMOT
2 VIN
15
CS2
5V 0.195V IMOT A UVLO 14
5VB
3
VDD
MOT
4
R S 1.25V 5V 0.195V
Q A Q
13
DRV1
AGND
5
K1
2 VIN
IMOT B
R S
Q B Q
12
DRV2
5V 5uA
SS
6 3VREF
11
PGND
COMP
7 gm PHASE Management
INPUT VOLTAGE SENSE (Input Voltage Squarer, Input UVLO, Brown-out) 2uA PROTECTION LOGIC (Open FB, Input Protections, OVP, Latched OVP, Thermal Shutdown)
10
VIN
FB
8
9
OVP
Figure 3. FAN9612 Block Diagram
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 4
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Pin Definitions
Pin#
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Name
ZCD1 ZCD2 5VB MOT AGND SS COMP FB OVP VIN PGND DRV2 DRV1 VDD CS2 CS1
Pin Description
Zero current detector for Phase 1 of the interleaved boost power stage. Zero current detector for Phase 2 of the interleaved boost power stage. 5V Bias. Bypass pin for the internal supply which powers all control circuitry on the IC. Maximum On-Time adjust for the individual power stages. Analog Ground. Reference potential for all setup signals. Soft-Start Capacitor. Connected to the non-inverting input of the error amplifier. Compensation-Network connection to the output of the gM error amplifier Feedback pin to sense the converter's output voltage; inverting input of the error amplifier. Output Voltage Monitor for the independent second level latched OVP protection. Input Voltage Monitor for brown-out protection and input voltage feed forward. Power Ground connection. Gate Drive Output for Phase 2 of the interleaved boost power stage. Gate Drive Output for Phase 1 of the interleaved boost power stage. External Bias Supply for the IC. Current Sense Input for Phase 2 of the interleaved boost power stage. Current Sense Input for Phase 1 of the interleaved boost power stage.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 5
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VDD VBIAS
Parameter
Supply Voltage to AGND & PGND 5VB Voltage to AGND & PGND Voltage On Input Pins to AGND (except FB pin) Voltage On FB Pin (Current Limited) Voltage On Output Pins to PGND (DRV1, DRV2)
Min.
-0.3 -0.3 -0.3 -0.3 -0.3
Max.
20.0 5.5 VBIAS + 0.3 VDD + 0.8 VDD + 0.3 2 0.05 +260
Unit
V V V V V A A C C C kV kV
IOH, IOL
Gate Drive Peak Output Current (Transient) Gate Drive Output Current (DC)
TL TJ TSTG ESD
Lead Soldering Temperature (10 seconds) Junction Temperature Storage Temperature Electrostatic Discharge Protection Level Human Body Model, JEDEC JESD22-A114 Charged Device Model, JEDEC JESD22-C101 -40 -65 2 1
+150 +150
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VDD Supply Voltage Range Signal Input Voltage
Parameter
Min.
9 0 1.5 0.8
Typ.
12
Max.
18 5
Unit
V V A A
Output Current Sinking (DRV1, DRV2) Output Current Sourcing (DRV1, DRV2) Boost inductor mismatch TA Operating Ambient Temperature
2.0 1.0 5% 10% +125
-40
C
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 6
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Electrical Characteristics
Unless otherwise noted, VDD = 12V, TJ = -40C to +125C. Currents are defined as positive into the device and negative out of the device.
Symbol
Supply ISTART_UP IDD IDD_DYM VON VOFF
Parameter
Start-up Supply Current Operating Current Dynamic Operating Current
(4)
Conditions
VDD = VON - 0.2V Output Not Switching fSW = 50 kHz; CLOAD = 2 nF VDD Increasing VDD Decreasing
Min.
Typ.
80 2.5 3
Max.
110 4 5 13 8.0
Unit
A mA mA V V V
UVLO Start Threshold Voltage UVLO Stop Threshold Voltage UVLO Hysteresis
12 7.0
12.5 7.5 5.0
Bias Regulator (C5VB = 0.1 F) TA = 25C; ILOAD = 1 mA V5VB IOUT_MAX 5VB Output Voltage Maximum Output Current Total Variation over line, load, and temperature 4.8 5.0 5.2 5.0 V V mA
Error Amplifier TA = 25C Voltage Reference VSS Line Regulation Temperature Stability IBIAS IOUT_SRC IOUT_SINK VOH VOL gM PWM PWM Ramp Offset Minimum On-Time Maximum On-Time VMOT tON,MAX Maximum On-time Voltage Maximum On-Time
(4)
(1.4%)
2.95 2.925
3.0
3.05 3.075
V V mV mV
Total Variation over line, load, and temperature (2.6%) VDD = 10 V to 18 V VFB = 1V to 3 V; |VSS - VFB| 0.1 V VSS = 3 V; VFB = 3.1 V VSS = 3V; VFB = 2.9 V
0.1 20 -0.5 -10 10 4.5 4.7 0.1 100
10
Input Bias Current Output Source Current Output Sink Current Output High Voltage Output Low Voltage Transconductance
0.5
A A A
V5VB 0.2 120
V V mho
ISINK < 100A (Note 1)
0.0 80
TA = 25C VFB > VSS
120
195
270 0.0
mV s
R = 125k R = 125k; VVIN = 2.5V; VCOMP > 4.5 V; TA = 25C
1.23
1.25 4.6
1.27
V s
Restart Timer fSW,RT
(each channel) VFB > VPWM_OFFSET 15.5 kHz
Minimum Switching Frequency
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 7
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Electrical Characteristics (Continued)
Unless otherwise noted, VDD = 12V, TJ = -40C to +125C. Currents are defined as positive into the device and negative out of the device. Frequency Clamp fSW,CL
(4)
(each channel) 600 kHz
Maximum Switching Frequency
Current Sense CS Input Threshold Voltage Limit CS Input Current CS to Output Delay Zero Current Detection Input Voltage Threshold
(4)
0.18 VCSX = 0 V to 1 V CS stepped from 0V to 5V -0.1
0.20
0.22 0.1
V A ns
65
90
-0.1 IZCD = 0.5mA IZCD = -0.5mA
(4)
0.0 0.2 -0.2
0.1
V V V
Input High Clamp voltage Input Low Clamp voltage Source Current Capability Sink Current Capability
(4)
---
--60
1 10 100
mA mA ns
Maximum Turn-on Delay (ZCDx to (4) OUTx ) Output ISINK ISOURCE tRISE tFALL OUTx Current, Mid-Voltage, (4) Sinking OUTx Current, Mid-Voltage, (4) Sourcing Rise Time Fall Time Output voltage during UVLO Reverse Current Withstand Soft Start (CSS = 0.1 F) Maximum Soft Start Current Minimum Soft Start Current Brown-Out Protection (Input) Turn-On / Turn-Off Threshold VIN OVP Threshold VIN Sink Current VIN Sink Current Phase Shedding (Input) VCOMP VCOMP Phase Shedding Threshold Phase Adding Threshold VCOMP decreasing, transition from dual to single phase VCOMP increasing, transition from single to dual phase 1.5 1.9 VVIN > 1.1 V VVIN < 0.9 V VCOMP < 3.0 V VCOMP > 4.5 V VOUTx = VDD/2; CLOAD = 0.1F VOUTx = VDD/2; CLOAD = 0.1F CLOAD = 1nF, 10% to 90% CLOAD = 1nF, 90% to 10% VCC = 5V; Iout = 100A ---500
1.8 0.8 30 30 -50 50 1
A A ns ns V mA
5 0.5
6
A A
1.0 3.8 100 2
V V nA A
1.6 2.05
1.7 2.2
V V
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 8
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Electrical Characteristics (Continued)
Unless otherwise noted, VDD = 12V, TJ = -40C to +125C. Currents are defined as positive into the device and negative out of the device. Over-Voltage Protection using FB pin - Cycle-by-Cycle (input) Non-Latching OVP Threshold OVP Hysteresis TA = 25C DRV1=DRV2=0V FB decreasing (+8%) 3.1 3.25 0.24 3.4 V V
Over-Voltage Protection using OVP pin - Latching (input) Latching OVP Threshold DRV1=DRV2=0V 3.5 V
Notes: 4. Not tested in production.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 9
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Theory of Operation
1. Boundary Conduction Mode
The boost converter is the most popular topology for power factor correction in AC-to-DC power supplies. This popularity can be attributed to the continuous input current waveform provided by the boost inductor and to the fact that the boost converter's input voltage range includes 0V. These fundamental properties make close to unity power factor easier to achieve. The FAN9612 utilizes the boundary conduction mode control algorithm. The fundamental concept of this operating mode is that the inductor current starts from zero in each switching period as shown in the lower waveform in Figure 5. When the power transistor of the boost converter is turned on for a fixed amount of time it can easily be shown that the peak inductor current will be proportional to the input voltage. Furthermore, since the current waveform is triangular the average value in each switching period will be also proportional to the input voltage. In case of a sinusoidal input voltage waveform, the input current of the converter will follow the input voltage waveform with very high accuracy and draw a sinusoidal input current from the source. This behavior makes the boost converter in BCM operation an ideal candidate for power factor correction. This mode of control of the boost converter will result in a variable switching frequency. The frequency depends primarily on the selected output voltage, the instantaneous value of the input voltage, the boost inductor value and the output power delivered to the load. Thus the operating frequency will change as the input voltage follows the sinusoidal input voltage waveform. It can be shown that the lowest frequency operation corresponds to the peak of the sine waveform at the input of the boost converter. Even larger frequency variation can be observed as the output power of the converter changes, with maximum output power resulting in the lowest operating frequency. Theoretically, under zero load condition the operating frequency of the boost converter would approach infinity. In practice, there are natural limits to the highest switching frequency. One such limiting factor is the resonance taking place between the boost inductor and the parasitic capacitances of the MOSFET, the diode and the winding of the choke, in every switching cycle. Another important characteristic of the BCM boost converter is the high ripple current of the boost inductor which goes from zero to a controlled peak value in every switching period. Accordingly the power switch is also stressed with high peak current. In addition, the high ripple current must be filtered by an EMI filter to meet high frequency noise regulations enforced for equipments connecting to the mains. These effects usually limit the practical output power level of the converter.
L
Figure 4. Basic PFC Boost Converter The boost converter can be controlled to operate in continuous conduction mode (CCM) or in boundary conduction mode (BCM). These two descriptive names refer to the current flowing in the energy storage inductor of the boost power stage.
I
0A Typical Inductor Current Waveform In Continuous Conduction Mode
t
I
0A Typical Inductor Current Waveform In Boundary Conduction Mode
t
Figure 5. CCM vs. BCM Control As the names indicate, the current in Continuous Conduction Mode (CCM) is continuous in the inductor while in Boundary Conduction Mode (BCM), the new switching period is initiated when the inductor current returns to zero. There are many fundamental differences in CCM and BCM operations and the respective designs of the boost converter.
2. Interleaving
The FAN9612 control IC is configured to control two boost converters connected parallel, both operated in boundary conduction mode. In this arrangement the input and output voltages of the two parallel converters are the same and each converter is designed to process approximately half the total output power of the system.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 10
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
The pulse width modulator of the FAN9612 implements voltage mode control. This control method compares an artificial ramp to the output of the error amplifier to determine the desired on-time of the converter's power transistor to achieve output voltage regulation.
VRAMP1
VRAMP2
VCONTROL
t PWM1 PWM2
Figure 6. Interleaved PFC Boost Operation Parallel power processing is penalized by the increased number of power components but offers significant benefits to keep current and thermal stresses under control and to increase the power handling capability of the otherwise limited solution using BCM control method for boost power factor correction. Furthermore, the switches of the two boost converters can be operated 180 degrees out of phase from each other. The control of parallel converters operating 180 degrees out of phase is called interleaving. Interleaving provides considerable ripple current reduction at the input and output terminals of the power supply which favorably affects the input EMI filter requirements and reduces the high frequency RMS current of the output capacitor of the power supply. There is an obvious difficulty to interleave two BCM boost converters. Since the converter's operating frequency is influenced by component tolerances in the power stage and in the controller as well, the two converters will operate at different frequencies. Therefore special attention must be paid to ensure that the two converters will be locked in to 180 degrees out of phase operation. Consequently, synchronization is a critical function of an interleaved boundary conduction mode PFC controller and it is implemented in the FAN9612 using a dedicated circuitry. Figure 7. FAN9612 PWM Operation In the FAN9612 there are two PWM sections corresponding to the two parallel power stages. For proper interleaved operation two independent 180 degrees out of phase ramps are needed which necessitates the two pulse width modulators. To ensure that the two converters process the same amount of power the artificial ramps have the same slope and they use the same control signal generated by the error amplifier.
4. Input-Voltage Feed-Forward
Basic voltage mode control, as described in the previous section, provides satisfactory regulation performance in most cases. One important characteristic of the technique is that input voltage variation to the converter requires a corrective action from the error amplifier to maintain the output at the desired voltage. When the error amplifier has adequate bandwidth like in most DC-DC applications, it is able to maintain regulation within a tolerable output voltage range during input voltage changes. On the other hand, when voltage-mode control is used in power factor corrector applications, the error amplifier bandwidth and its capability to quickly react to input voltage changes, is severely limited. In these cases the input voltage variation can easily cause excessive overshoot or droop at the converter output as the input voltage goes up or down respectively. To overcome this shortcoming of the voltage mode PWM circuit in PFC applications, input-voltage feedforward is often employed. It can be shown mathematically that a PWM ramp proportional to the square of the input voltage will inherently reject the effect of input voltage variations on the output voltage and will eliminate the need of any correction by the error amplifier.
3. Voltage Regulation, Voltage Mode Control
The power supply's output voltage is regulated by a negative feedback loop and a pulse width modulator. The negative feedback is provided by an error amplifier which compares the feedback signal at the inverting input to a reference voltage connected to the noninverting input of the amplifier. Similarly to other PFC applications, the error amplifier is compensated with high DC gain for accurate voltage regulation but very low bandwidth to suppress line frequency ripple present across the output capacitor of the converter. The line frequency ripple is the result of the constant output power of the converter and the fact that the input power is the product of a sinusoidal current and a sinusoidal voltage thus follows a sine square function. Eliminating the line frequency component from the feedback system is imperative to maintain low total harmonic distortion (THD) in the input current waveform.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 11
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
VR@VIN,L
VR@VIN,H
VCONTROL dV 2 ~VIN dt
At start-up condition and the unlikely case of missing zero current detection, the lack of an oscillator would mean that the converter stops operating. To overcome these situations a restart timer is employed to kick start the controller and provide the first turn-on command as shown in Figure 10.
t PWMVIN,L PWMVIN,H
Figure 8. Input-Voltage Feed-Forward When the PWM ramp is made proportional to the input voltage squared, the system offers other noteworthy benefits. The first is the input voltage independent small signal gain of the closed loop power supply which will make the compensation of the voltage regulation loop much easier. The second side benefit is that the output of the error amplifier becomes directly proportional to the input power of the converter. This phenomenon is very significant and it will be re-visited in section 9 describing light load operation. Figure 10. PWM Cycle Start
6. Terminating the conduction interval
Terminating the conduction period of the boost transistor in boundary conduction mode controllers is similar to any other pulse width modulator. During normal operation the PWM comparator turns off the power transistor when the ramp waveform exceeds the control voltage provided by the error amplifier. In the FAN9612 and in similar voltage-mode PWMs, the ramp is a linearly rising waveform at one input of the comparator circuit.
5. Starting a PWM cycle
The principle of boundary conduction mode calls for a pulse width modulator which is able to operate with variable frequency and initiate a switching period whenever the current in the boost inductor reaches zero. Therefore, BCM controllers can not utilize a fixed frequency oscillator circuit to control the operating frequency. Instead, a Zero Current Detector is used to sense the inductor current and turn-on the power switch once the current in the boost inductor reaches zero. This process is facilitated by an auxiliary winding on the boost inductor. The voltage waveform of the auxiliary winding can be used for indirect detection of the zero inductor current condition of the boost inductor thus it should be connected to the Zero Current Detect input of the FAN9612 as shown in Figure 9.
Figure 11. Conduction Interval Termination In addition to the PWM comparator, the current limit circuit and a timer circuit limiting the maximum on-time of the boost transistor can also terminate the gate drive pulse of the controller. These functions provide protection for the power switch against excessive current stress.
7. Protecting the Power Components
In general, power converters are designed with adequate margin for reliable operation under all operating conditions. However, it might be difficult to foresee or predict dangerous conditions under transient or certain fault situations. Therefore, the FAN9612 contains dedicated protection circuits to monitor the individual peak currents in the boost inductors and in the power transistors. Figure 9. Simple Zero-Current Detection Method The auxiliary winding can also be used to generate bias for the PFC controller when an independent bias power supply is not present in the system.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
Furthermore, the boost output voltage is sensed by two independent mechanisms to provide over voltage protection for the power transistors, rectifier diodes, and the output energy storage capacitor of the converter.
www.fairchildsemi.com 12
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
8. Power Limit
Normalized On-Time Limit
Normal interleaved operation of the two boost converters resumes automatically once the output power exceeds approximately 40% of the nominal output power of the converter. Figure 12. On-Time vs. VIN_RMS Phase management in the FAN9612 is implemented such that the error amplifier output does not have to change when the system toggles between one-phase or two-phase operation. Moreover, the output of the error amplifier is proportional to the output power of the converter independently whether one or both phases are operating in the power supply. Furthermore, because the maximum on-time limit is applied independently to each pulse width modulator, the power handling capability of the converter while only one phase is running will be approximately half of the total output power which can be delivered when both phases are utilized.
When the slope of the PWM ramp is made proportional to the square of the input RMS voltage the maximum on-time of the boost power switch becomes inversely proportional to the square of VIN,RMS as represented in Figure 12. In boundary-conduction mode the peak current of the boost transistor is proportional to its ontime. Therefore, controlling the maximum pulse width of the gate drive signal according to the curve shown is an effective method to implement an input-voltage independent power limit for the boost PFC.
9. Light load operation (Phase Control)
One of the parameters determining the operating frequency of a boundary conduction mode converter is the output power. As the load decreases, lower peak currents are commanded by the pulse width modulator to maintain the output voltage at the desired set point. Lower peak current means shorter on-time for the power transistor and shorter time interval to ramp the inductor current back to zero at any given input voltage. As a result, the operating frequency of the converter increases under light load condition. As the operating frequency and corresponding switching losses increase the currents thus conduction losses diminish at the same time. Therefore the power losses of the converter are dominated by switching losses at light load. This phenomenon is especially evident in a BCM converter. In order to improve light-load efficiency, the FAN9612 disables one of the two interleaved boost converters when the output power falls below approximately 30% of the nominal output power level. By managing the number of phases used at light load the FAN9612 can maintain high efficiency for a wider load range of the power supply.
10. Brownout protection with soft recovery
An additional protection function usually offered by PFC ICs is input brownout protection to prevent the converter from operating below a user defined minimum input voltage level. For this function to work the input voltage of the converter is monitored by the FAN9612. When the voltage falls below the brownout protection threshold the converter stops working. The output voltage of the boost converter falls until the load stops drawing current from the output capacitor or until the input voltage gets back to its nominal range and operation resumes. As the output falls the voltage at the feedback pin of the FAN9612 falls proportionally according to the feedback divider ratio. To facilitate soft recovery after a brownout condition the soft start capacitor - which is also the reference voltage of the error amplifier - is pulled lower by the feedback network. This effectively pre-conditions the error amplifier to provide closed loop soft-start like behavior during the converter's recovery from a brownout situation. Once the input voltage goes above the brownout protection threshold the converter resumes normal operation. The output voltage will be raised back to the nominal regulation level following the slowly rising voltage across the soft start capacitor of the FAN9612.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
# of Phases Operating
Figure 13. Automatic Phase-Control Operation
The architecture and operating principle of the FAN9612 also provides inherent input power limiting capability.
www.fairchildsemi.com 13
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
11. Soft Starting the Converter
During startup the boost converter peak charges its output capacitor to the peak value of the input voltage waveform. The final voltage level where the output is regulated during normal operation is reached after the converter starts switching. There are two fundamentally different approaches used in PWM controllers to control the startup characteristics of a switched mode power supply. Both methods use some kind of a soft start mechanism to reduce the potential overshoot of the converter's output after the desired output voltage level is reached. The first method is called open loop soft start and relies on gradually increasing the current or power limit of the converter during startup. In this case the voltage error amplifier is typically saturated commanding maximum current until the output voltage reaches its final value. At that time the voltage between the error amplifier inputs changes polarity and the amplifier slowly comes out of saturation. While the error amplifier recovers and before it starts controlling the output voltage, the converter operates with full power. Thus, output voltage overshoot is unavoidable in converters utilizing the open loop soft start scheme. This method is especially dangerous in power factor corrector applications because the error amplifier's bandwidth is typically limited to a very low cross over frequency. The slow response of the amplifier can cause considerable overshoot at the output. The FAN9612 employs closed loop soft start where the reference voltage of the error amplifier is slowly increased to its final value. When current and power limits of the converter are properly taken into consideration the output voltage of the converter will follow the reference voltage. This approach ensures that the error amplifier stays in regulation during soft start and the output voltage overshoot can be eliminated.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 14
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
FAN9612 Functional Description
1. Detecting Zero Inductor Current (ZCD1, ZCD2)
Each ZCD pin is internally clamped close to 0V (GND). Any capacitance on the pin is ineffective in providing any delay in ZCD triggering. The internal sense circuit is a true differentiator to catch the valley of the drain waveforms. The resistor between the auxiliary winding of the boost inductor and the ZCD pin is only used for current limiting. The maximum source current during zero current detection must be limited to 0.5mA. Source and sink capability of the pin is about 1mA providing sufficient margin for the higher source current required during the on-time of the power MOSFETs.
Figure 15. 5V Bias
3. Maximum On-Time control (MOT)
MOT stands for maximum on-time (of the boost MOSFET) and it is set by a resistor to analog ground (AGND). The FAN9612 implements input-voltage feed-forward. Therefore the maximum on-time is a function of the RMS input voltage. The voltage on the MOT pin is 1.25V during operation (constant DC voltage). The maximum on-time of the power MOSFETs can be approximated by:
t ON , MAX = RMOT 120 10 -12
Figure 14. Zero-Current Detect Circuit The RZCD resistor value can be approximated by:
2.4 1 2 1.25 VINSNS , PK
RZCD =
V N 1 O AUX 0.5mA 2 N BOOST
where VINSNS,PK is the peak of the AC input voltage as measured at the VIN pin (must be divided down, see the VIN pin description).
2. 5V Bias Rail (5VB)
This is the bypass capacitor pin for the internal 5V bias rail powering the control circuitry. The recommended capacitor value is 220nF. At least 100nF good quality, high frequency ceramic cap should be used and placed in close proximity to the pin. The 5V rail is a switched rail. It is actively held low when the FAN9612 is in under-voltage lockout. Once the UVLO turn-on threshold is exceeded at the VDD pin, the 5V rail is turned on, providing a sharp edge which can be used as an indication that the chip is up and running. Potentially, this behavior can be utilized to control the inrush current limiting circuit. Figure 16. Maximum On-Time Control (MOT)
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 15
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
4. Analog Ground (AGND) and Power Ground (PGND)
Analog ground connection (AGND) is the GND for all control logic biased from the 5V rail. Internally, the AGND and PGND pins are tied together by two antiparallel diodes to limit ground bounce difference due to bond wire inductances during the switching actions of the high current gate drive circuits. It is recommended to connect AGND and PGND pins together with a short, low impedance trace on the PCB (right under the IC). PGND is the reference potential (0V) for the high current gate drive circuit. Two bypass capacitors should be connected between the VDD pin and the PGND pin. One is the VDD energy storage capacitor which provides bias power to the FAN9612 during start up until the bootstrap power supply comes up. The other capacitor shall be a good quality ceramic bypass capacitor, as close as possible to PGND and VDD pins to filter the high peak currents of the gate driver circuits. The value of the ceramic bypass capacitor is a strong function of the gate charge requirement of the power MOSFETs and its recommended value is between 1F and 4.7F to ensure proper operation.
rising. This is a problem if closed loop soft start should be maintained. By clamping the SS voltage to the FB pin this problem can be mitigated. Furthermore, during brown-out condition the output voltage of the converter might fall which is reflected at the FB pin of the FAN9612. When FB voltage goes 0.2V below the voltage on the SS pin, it will start discharging the soft start capacitor. The soft-start capacitor remains 0.2V above the FB voltage thus when the brownout condition is over, the converter returns to normal operation gracefully, following the slow ramp up of the soft start capacitor at the noninverting input of the error amplifier.
5. Soft-start (SS)
Soft start is programmed by the user with a capacitor connected between this pin and AGND. This is the non-inverting input of the transconductance (gM) error amplifier of the FAN9612. At start-up, the soft start capacitor will be quickly precharged to a voltage approximately 0.2V below the voltage on the feedback pin (FB) to minimize start up delay. Then a 5A current source takes over and charges the soft start capacitor slowly ramping up the voltage reference of the error amplifier. By ramping up the reference slowly, the voltage regulation loop can stay closed, actively controlling the output voltage during start up. While the SS capacitor is charging, the output of the error amplifier is monitored. In case the error voltage (COMP) ever exceeds 3.5V indicating that the voltage loop is close to saturation, the 5uA soft start current is reduced. Therefore the soft start will be automatically extended to reduce the current needed to charge the output capacitor thus reducing the output power during start up. This mechanism is built in to prevent the voltage loop from saturation. The charge current of the soft start capacitor can be reduced from the initial 5A to as low as 0.5A minimum. In addition to modulating the soft start current into the SS capacitor, the SS pin is clamped approximately 0.2V above the FB pin. This mechanism is useful to prevent the SS capacitor to run away from the FB pin and defeat the idea of closed loop soft start. During the zero crossing of the input source waveform the input power is almost zero and the output voltage can not be raised. Therefore the FB voltage would stay flat or even decay while the SS voltage would keep
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E www.fairchildsemi.com 16
Figure 17. Soft-start Programming
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
6. Error Amplifier Compensation (COMP)
COMP pin is the output of the error amplifier. The voltage loop is compensated by a combination of Rs and Cs to AGND at this pin. The control range of the error amplifier is between 0.175V and 4.5V. When the COMP voltage is below about 0.175V, the PWM circuit will skip pulses. Above 4.5V the maximum ontime limit will terminate the conduction of the boost switches. Due to the input-voltage feed-forward, the output of the error amplifier is proportional to the input power of
the converter independent of the input voltage. In addition, also due to the input-voltage feed-forward, the maximum power capability of the converter and the loop gain is independent of the input voltage. The controller's phase- management circuit monitors the error amplifier output and will switch to single-phase operation when the COMP voltage falls below 1.6V approximately and return to two-phase operation when the error voltage exceeds 2.1V. These thresholds correspond to about 30% and 40% of the maximum power capability of the design.
Figure 18. Error Amplifier Compensation Circuitry
7. Output Voltage Feedback (FB)
The feedback pin receives the divided-down output voltage of the converter. In regulation, the FB pin should be 3V which is the reference used at the noninverting input of the error amplifier. Due to the gM type error amplifier, the FB pin is always proportional to the output voltage and can be used for over voltage protection as well. A non-latching over voltage detection circuit monitors the FB pin and prevents the boost MOSFETs from turning on when the FB voltage exceeds 3.25V. Operation resumes automatically when the FB voltage returns to its nominal 3V level. Also connected to the FB pin is the open feedback detection circuit. Since the output of the boost converter is charged to the peak of the input AC voltage when power is applied to the power supply, the detection circuit monitors the presence of this voltage. If the FB pin is below 0.5V which would indicate a missing feedback divider (or wrong value causing dangerously- high regulation voltage), the FAN9612 will not send out its gate drive signals to the boost transistors.
External Components
Internal Circuits To SS
To Phase / Gain Control
VOUT
200mV Clamp
gM Error Amplifier
8 FB
Figure 19. Output-Voltage Feedback Circuit
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 17
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
8. Secondary Output Voltage Sense (OVP)
A second-level latching over-voltage protection can be implemented using the OVP pin of the controller. The threshold of this circuit is set to 3.5V. There are two ways to program the secondary OVP. Option 1, as shown in the figure below, is for the designer to connect the OVP pin to the FB pin. In addition to the standard non-latching OVP (set at ~8%), this configuration provides the second OVP protection (set at ~15%) which is latched.
In the case where redundant over-voltage protection is preferred (also called double OVP protection), a second separate divider from the output voltage can be used as shown by Option 2. In this case the latching OVP protection level can be independently established below or above the non-latching OVP threshold which is based on the feedback voltage (at the FB pin). In the case where latching OVP protection is not desired at all, the OVP pin should be grounded.
Figure 20. Secondary Over-Voltage Protection Circuit
9. Input Voltage Sensing (VIN)
The input AC voltage is sensed at the VIN pin. The input voltage is used in three functions: input undervoltage lockout (brown out protection), input over voltage protection and input voltage feed forward in the PWM control circuit. All the functions require the RMS value of the input voltage waveform. Since the RMS value of the AC input voltage is directly proportional to its peak, it is sufficient to find the peak instead of the more complicated and slower method of integrating the input voltage over a half line cycle. The internal circuit of the VIN pin works with peak detection of the input AC waveforms. One of the important benefits of this approach is that the peak indicates the correct RMS value even at no load when the HF filter capacitor at the input side of the boost converter is not discharged around the zero crossing of the line waveform. Another notable benefit is that during line transients when the peak exceeds the previously measured value, the input-voltage
feed-forward circuit can react immediately without waiting for a valid integral value at the end of the half line period. Furthermore, lack of zero crossing detection could fool the integrator while the peak detector works properly during light load operation. The valid range for the peak of the AC input is between approximately 1.0V and 3.8V. This range is optimized for universal input voltage range operation. If the peak of the sense voltage remains below the 1V threshold, input under voltage or brown out condition is declared and the FAN9612 will stop operating. Similarly when the VIN voltage exceeds 3.8V, the FAN9612 will stop switching due to input over voltage. The input voltage is measured by a tracking analog to digital converter which keeps the highest value (peak voltage) of the input voltage waveform. Once a measurement is taken the converter will track the input for at least 12ms before a new value is taken. This delay guarantees that at least one new peak value is captured before the new value is used.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 18
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Figure 21. Input Voltage Sensing Circuit
The measured peak value is then used in the following half line cycle while a new measurement is executed which will be used in the next half line cycle. This operation is synchronized to the zero crossing of the line waveform. Since the input voltage measurement is held steady during the line half
periods, this technique does not feed any AC ripple into the control loop. In case line zero crossing detection is missing, the FAN9612 measures the input voltage in every 32ms, thus it can operate from a DC input as well. The following figures provide more detail about the input voltage sensing method of the controller:
AC "RMS value" used for feed forward and protection functions AC input voltage waveform sensed at VIN pin
50Hz
50Hz
50Hz 10ms
DC forced reset after 32ms forced reset after 32ms
Figure 22. Input Voltage Sensing Waveforms As can be seen from the waveforms, input voltage feed forward is instantaneous when the line voltage
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E 19
increases and has a half line cycle delay when the input voltage decreases. Any increase in input voltage would cause output over voltage due to the
www.fairchildsemi.com
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
slow nature of the voltage regulation loop. This is successfully mitigated by the immediate action of the input-voltage feed-forward circuit.
must exceed 12.5V (1V) in order to enable operation. The FAN9612 will stop operating when the VDD voltage falls below 8V (1V). See PGND pin description for important bypass information.
12. Current Sense Protection (CS1, CS2) 10. Gate drive outputs (DRV1; DRV2)
High current driver outputs DRV1 and DRV2 have the capability to sink a minimum of 2A and source 1A. Due to the low impedance of these drivers, the 1A source current must be actively limited by an external gate resistor. Thus the minimum external gate resistance is given as: The FAN9612 uses independent over current protection for each of the power MOSFETs. The current sense thresholds at the CS1 and CS2 pins are approximately 0.2V. The current measurements are strictly for protection purposes and are not part of the control algorithm. The pins can be directly connected to the non-grounded end of the current sense resistors because the usual R-C filters of the leading edge current spike are integrated in the IC.
RGATE =
VDD 1A
To take advantage of the higher sink current capability of the drivers, the gate resistor can be bypassed by a small diode to facilitate faster turn-off of the power MOSFETs. Traditional fast turn-off circuit using a pnp transistor instead of a simple bypass diode can be considered as well. It is also imperative that the inductance of the gate drive loop is minimized to avoid excessive ringing. In case optimum layout is not possible or the controller is placed on a daughter card, it is recommended to use an external driver circuit located near the gate and source terminals of the boost MOSFET transistors. Small gate charge power MOSFETs can be driven by a FAN3111C driver IC while higher gate charge devices might require FAN3100C or FAN3227C family of drivers.
Figure 23. Current Sense Protection Circuits The time constant approximately: of the internal or filter is
11. Bias Supply (VDD)
This is the main bias source for the FAN9612. The operating voltage range is between ~8V and 18V. The VDD voltage is monitored by the under voltage lock out (UVLO) circuit. At power up the VDD voltage
= 27 k 5 pF = 130ns
P =
1 = 1.2 MHz 2 27 k 5 pF
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 20
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Key Application Information
1. Synchronization and Timing Functions
The FAN9612 employs a highly sophisticated synchronization sub-system based on digital techniques. At the heart of the system is a dualchannel switching-frequency detector which measures the switching period of each channel in every switching cycle and locks their operating phase 180 degrees out of phase from each other. The slower operating frequency channel is dominant but there is no master-slave arrangement. Moreover, as the frequency constantly changes due to the varying input voltage, either channel can be the slower dominant channel. As opposed to the most commonly used technique where the phase relationship between the channels is provided by changing the on-time of one of the MOSFETs, the FAN9612 controls the phase relationship by inserting a turn-on delay before the next switching period starts for the faster running phase. As it is shown in the literature, the on-time modulation technique is not stable under all operating conditions while the off-time modulation (or delaying the turn-on) is unconditionally stable under all operating conditions. a. Restart Timer
2. Start-up with 12V bias (less than UVLO)
The FAN9612 is designed so that power to it can be provided without a dedicated startup resistor. This configuration also allows the controller to start up when the bias voltage is less than the controller's under-voltage lockout start threshold. In the boost PFC topology, the output voltage is precharged to the peak line voltage by the boost diode. As soon as voltage is present at the output of the boost converter, current starts to flow through the feedback resistors from the boost output to GND. Using an external, low-voltage MOSFET in series with the lower resistor in the feedback divider, this current can be diverted to charge the VCC bypass capacitor of the controller. The upper resistor becomes a current source used to charge the VCC capacitor. To accomplish this, a small external diode should be connected between the VCC and FB pins as shown in Figure 24. As the VCC voltage rises past the under-voltage lockout threshold, the 5V reference is turned on, which drives the external MOSFET gate and connects the resistor of the feedback divider to ground. At the same time, the diode between the FB pin and the VCC bias is reverse biased and the FB pin reverts to its normal role of output voltage sensing. If, for whatever reason, the bias to the IC drops below the under-voltage lockout level, the startup process is repeated. A simplified circuit implementation for this startup method is shown below.
The restart timer is an integral part of the synchronizing circuit and ensures exact 180 degrees out of phase operation in restart timer operation. This is an important safety feature as well because in case of a non-operating phase (no ZCD detection, missing gate drive connection in one of the phases or similar errors which can render one of the phases inoperable) the other phase will be locked into restart timer operation as well preventing it from trying to deliver full power to the load. The restart timer of the FAN9612 is set to approximately 18kHz which is just above the audible frequency range to avoid any acoustic noise generation. b. Frequency Clamp
Bootstrap or Bias PS
VDD
FB
VOUT
UVLO
5VB 5VBIAS
Just as the restart timer, the frequency clamp is integrated into the synchronization and ensures exact 180 degrees out of phase operation when the operating frequency is limited. This might happen at very light load operation or near the zero crossing region of the line voltage waveform. Limiting the switching frequency at light load can improve efficiency but has a negative effect on power factor since the converter will also enter true DCM operation. The frequency clamp is set to approximately 600kHz.
Figure 24. Simplified start-up Circuit using the output feedback resistors to provide a charging current This technique can also be utilized if the auxiliary bias voltage is lower than the minimum start up voltage of the FAN9612.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 21
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
3. Disabling the FAN9612
There are four ways to disable the FAN9612. It is important to understand how the part reacts for the various shutdown procedures. 1. Pull the SS pin to GND. This method uses the error amplifier to stop the operation of the power supply. By pulling the SS pin to GND the error amplifier's non-inverting input is pulled to GND. The amplifier will sense that the inverting input (FB pin) is higher than the reference voltage and it will try to adjust its output (COMP pin) to make the FB pin equal to the reference at the SS pin. Due to the slow speed of the voltage loop in PFC applications, this might take several line cycles. Thus, it is important to consider that by pulling the SS pin to GND, the power supply can not be shut down immediately. Recovery from a shut down state will follow normal soft-start procedure when the SS pin is released. Pull the FB pin to GND. By pulling the FB pin below the open feedback protection threshold of approximately 0.5V, the power supply can be shut down immediately. It is imperative that the FB is pulled below the threshold very quickly since the power supply keeps switching until this threshold is crossed. If the feedback would be pulled low softly and would not cross the threshold, the power supply would try to deliver maximum power because the FB pin would be forced below the reference voltage of the error amplifier on the SS pin. Eventually, as FB is pulled to GND, the SS capacitor will be pulled low by the internal clamp between the FB and SS pins. The SS pin will stay approximately 0.2V higher than the FB pin itself. Therefore, recovery from a shut down state will follow normal soft-start procedure when the FB pin is released as the voltage across the SS capacitor will start ramping from a low value. Pulling the COMP pin to GND. When the COMP pin is pulled below the PWM Ramp Offset, approximately 0.195V, the FAN9612 stops sending gate drive pulses to the power MOSFETs. This condition is similar to pulse skipping under no load condition. If any load is still present at the output of the boost PFC stage the output voltage will decrease. Consequently the FB pin will decrease and the SS capacitor voltage will be pulled low by the internal clamp between the FB and SS pins. At that point the operation and eventual recovery to normal operation is similar to the mechanism described above in section 3.2. If the COMP pin is held low for sufficiently long time to pull the SS pin low, the recovery will follow normal soft-start procedure when the COMP pin is released. If the SS capacitor is not pulled low as a
22
result of a momentary pull down of the COMP pin the recovery will still be soft due to the fact that a limited current source is charging the compensation capacitors at the output of the error amplifier. Nevertheless, in this case output voltage overshoot can happen before the voltage loop enters closed loop operation and resumes controlling the output voltage again. 4. Pull the VIN pin to GND. Since the VIN sense circuit is configured to ride through a single line cycle dropout test without shutting down the power supply this method will result in a delayed shutdown of the converter. The FAN9612 will stop operation approximately 20ms to 32ms after the VIN pin is pulled low. The delay depends on at what phase of the line cycle the pulled down happens. This method triggers the input brownout protection of the FAN9612 (input under voltage lock out) which will gradually discharge the compensation capacitor. As the output voltage will decrease, the FB pin will fall pulling low the SS capacitor voltage. Similarly to the shutdown, once the VIN pin is released operation will resume after several milliseconds of delay which is needed to determine that the input voltage is above the turn-on threshold. Thus at least one line cycle peak must be detected above the turn-on threshold before operation can resume at the following line voltage zerocrossing. The converter will start following normal soft-start procedure.
2.
4. Layout and Connection Guidelines
The FAN9612 incorporates fast reacting input circuits, short propagation delays, and strong output stages capable of delivering current peaks over 1.5 amps to facilitate fast voltage transition times. The following layout and connection guidelines are recommended: Keep high current output and power ground paths separate from analog input signals and signal ground paths. Keep the controller as close to the MOSFETs as possible. This minimizes the length and the loop area (series inductance) of the high current gate drive traces. Many high speed power circuits can be susceptible to noise injected from their own output or other external sources, possibly causing output re-triggering. These effects can be especially obvious if the circuit is tested in breadboard or non-optimal circuit layouts with long input, enable, or output leads. For best results, make connections to all pins as short and direct as possible.
3.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Quick Setup Guide
The FAN9612 can easily be configured following the next few steps outlined in this section. This Quick Setup Guide refers to the schematic diagram and component references of Figure 26. It uses the equations derived and explained in the FAN9612 Application Note, AN-6086.
Compensation Capacitor Compensation Resistor Compensation Capacitor Feedback Divider Feedback Divider Over Voltage Sense Divider Over Voltage Sense Divider Input Voltage Sense Divider VLINE.ON VLINE.OFF VLINE.MAX fLINE,MIN VOUT VOUT,RIPPLE VOUT,LATCH POUT tHOLD VOUT,MIN fSW,MIN VDDMAX Input Voltage Sense Divider Brown-Out Hysteresis Set Gate Drive Resistor Gate Drive Speed-up Diode Bypass Capacitor for VDD - HF Startup Energy Storage for VDD Current Sense Resistor
CCOMP,LF RCOMP CCOMP,HF RFB1 RFB2 ROV1 ROV2 RIN1 RIN2 RINHYST RG1, RG2 DG1, DG2 CVDD1 CVDD2 RCS1, RCS2 2.2 47
Description
From Power Supply Specification: Min. AC RMS Input (turn-on) Min. AC RMS Input (turn-off) 1 Max. AC RMS Input (OVP) 1 Min. Line Frequency Nominal DC Output Output Voltage Ripple (2 * fLINE) Latching Output OVP Nominal Output Power (to load) Desired Hold Up Time Min. DC Output (end of tHOLD) Min. Switching Frequency Max. DC Bias (for FAN9612)
Name
Your Value
In preparation to calculate the setup component values the power supply specification must be known to the designer. Furthermore, a few power stage components must be pre-calculated before the controller design begins as their values determine the component selections around the FAN9612.
Pre-calculated Power Stage parameters: Estimated Conversion Efficiency Max. Output Power per Channel Output Capacitance Boost Inductance per Channel Max. On-Time per Channel Turns Ratio (NBOOST / NAUX) PMAX,CH COUT L tON,MAX N 10 0.95
Step 1: Input Voltage Range
The FAN9612 utilizes a single pin (VIN) for input voltage sensing. The valid voltage range of the VIN pin is from 1V to 3.8V. A VIN pin voltage below 1V activates the line under voltage lockout while anything above 3.8V halts the operation due to input over voltage protection. Thus, the ratio of VLINE.MAX and VLINE.OFF is always 3.8. Consequently, only one of those two parameters can be freely chosen by the designer. The turn-on voltage (VLINE.ON) can be set independently of the other two thresholds as demonstrated below.
Other variables used during the calculations: Peak Inductor Current Max. DC Output Current (to load) Calculated Component Values: Zero Current Detect Resistor Bypass Capacitor for 5V Bias Maximum On-time Set Soft-Start Capacitor RZCD1, RZCD2 C5VB RMOT CSS 0.15 IL,PK IO,MAX
ON OFF
0
1.0V
3.8V
VIN Pin Voltage
Figure 25. Simplified Turn-on and Turn-off Thresholds at the VIN Pin of FAN9612
www.fairchildsemi.com 23
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
VIN
L1a L1b L2a
D1 VOUT
D2 COUT
VLINE
EMI filter
CIN
L2b
Q1
Q2
RCS1
RCS2
RZCD1 RZCD2
FAN9612
1 2 ZCD1 ZCD2 5VB CS1 CS2 VDD 16 15 14 13
C5VB RMOT
3 4 5
MOT DRV1
RG1 RG2 RIN1 RINHYST
VBIAS
AGND DRV2 12 SS PGND VIN OVP 11 10 9
CSS RCOMP CCOMP,LF CCOMP,HF
6 7 8
ROV1
RFB1
COMP FB
RIN2 CVDD1 CVDD2
ROV2
RFB2
Figure 26. Interleaved BCM PFC Schematic Using FAN9612
Step 2: Estimated Conversion Efficiency
Use the estimated full load power conversion efficiency. Typical value for an interleaved BCP PFC converter is in the 0.92 to 0.98 range. The efficiency is in the lower half of the range for low power applications. Using state of the art semiconductors, good quality ferrite inductors and selecting lower limit for minimum switching frequency will positively impact the efficiency of the system. In general, the value of 0.95 can be used unless a more accurate power budget is available.
Step 3: Maximum Output Power per Channel
PMAX,CH = 1.2 POUT 2
A margin of 20% has been added to the nominal output power to cover reference inaccuracy, internal component tolerances, inductance mismatch and current sense resistor variation to the per channel power rating.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 24
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Step 4: Output Capacitance COUT(RIPPLE) = POUT 4 fLINE,MIN VOUT VOUT,RIPPLE
Step 7: Peak Inductor Current per Channel
C OUT(HOLD) =
2 POUT t HOLD V VOUT - OUT,RIPPLE 2 2 - VOUT,MIN
2
IL,PK =
2 VLINE,OFF L
t ON,MAX
Step 8: Maximum DC Output Current
The output capacitance must be calculated by two different methods. The first equation determines the capacitor value based on the allowable ripple voltage at the minimum line frequency. It is important to remember that the scaled version of this ripple will be present at the FB pin. The feedback voltage is continuously monitored by the non-latching over voltage protection circuit. Its threshold is about 8% higher the nominal output voltage. To avoid triggering the OVP protection during normal operation, VOUT,RIPPLE should be limited to less 12% of the nominal output voltage, VOUT. The second expression yields the minimum output capacitance based on the required holdup time based on the power supply specification. Ultimately, the larger of the two values will satisfy both design requirements and has to be selected for COUT.
IOUT,MAX =
2 PMAX,CH VOUT
Step 9: Zero Current Detect Resistors
R ZCD1 = R ZCD2 = 0.5 VOUT N 0.5mA
where 0.5*VOUT is the maximum amplitude of the resonant waveform across the boost inductor during zero current detection, N is the turns ratio of the boost inductor and the auxiliary winding utilized for the zero current detection and 0.5mA is thee maximum current of the ZCD pin during the zero current detection period.
Step 5: Boost Inductance per Channel
L LINE,OFF =
L LINE,MAX =
2 VLINE,OFF VOUT - 2 VLINE,OFF
(
)
Step 10: Maximum On-Time Setting Resistor
RMOT = 4340 10 6 t ON,MAX
where RMOT should be between 40kOhms and 130kOhms.
2 fSW,MIN VOUT PMAX,CH
2 VLINE,MAX VOUT - 2 VLINE,MAX
(
)
2 fSW,MIN VOUT PMAX,CH
The minimum switching frequency can occur either at the lowest or at the highest input line voltage. Accordingly, two boost inductor values are calculated and the lower of the two inductances must be selected. This L value will keep the minimum operating frequency above fSW,MIN under all operating conditions.
Step 11: Output Voltage Setting Resistors (Feedback)
RFB2 =
3V VOUT 3V = PFB IFB
Step 6: Maximum On-Time per Channel
t ON,MAX = 2 L PMAX,CH
2 VLINE,OFF
where 3V is the reference voltage of the error amplifier at its non-inverting input and PFB or IFB are selected by the designer. If the power loss associated to the feedback divider is critical to meet stand-by power consumption regulations, it might be beneficial to start the calculation by choosing PFB. Otherwise, the current of feedback divider, IFB should be set to approximately 0.4mA at the desired output voltage set point. This value ensures that parasitic circuit board and pin capacitances do not introduce unwanted filtering effect in the feedback path. In case the feedback divider is used to provide startup power for the FAN9612 (see AN-6086 for implementation details) the following equation can be used to calculate RFB2:
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 25
PRELIMINARY
R FB2 =
3V
[ 2V
LINE,ON
- (12.5V + 3 0.7V )
]
FAN9612 -- Interleaved Dual BCM PFC Controller
CCOMP,HF < 4 CSS
This relationship is determined by the ratio between the maximum output current of the gM error amplifier to the maximum charge current of the soft start capacitor. By observing this correlation between the two capacitor values it is ensured that the compensation capacitor voltage can be adjusted faster than any voltage change taking place across the soft start capacitor. Therefore, during startup the voltage regulation loop's response to the increasing soft start voltage is not limited by the finite current capability of the error amplifier.
0.12mA VOUT
where 3V is the reference voltage of the error amplifier at its non-inverting input, 12.5V is the controller's UVLO turn-on threshold, 0.12mA is the worst case startup current required by the FAN9612 to start operation and 3*0.7V accounts for the forward voltage drop of three diodes in series of the startup current. Once the value of RFB2 is determined RFB1 is given by the following formula:
V RFB1 = OUT - 1 RFB2 3V
RFB1 might have to be implemented as a series combination of two or three resistors depending on safety regulations, maximum voltage and or power rating of the selected resistor type.
RCOMP =
1 2 f0 CCOMP,LF
CCOMP,HF =
1 2 fHFP RCOMP
Step 12: Soft Start Capacitor
C SS =
5 A COUT (RFB1 + RFB2 ) 0.3 IOUT,MAX RFB2
where 5A is the charge current of the soft start capacitor provided by the FAN9612 and 0.3*IOUT,MAX is the maximum output current charging the output capacitor of the converter during the soft start process. It is imperative to limit the charge current of the output capacitor to be able to maintain closed loop soft start of the converter. The 0.3 factor used in the CSS equation can prevent output over voltage at the end of the soft start period and provides sufficient margin to supply current to the load while the output capacitor is charging.
where fHFP is the frequency of a pole implemented in the error amplifier compensation network against high frequency noise in the feedback loop. The pole should be placed at least a decade higher than f0 to ensure that it does not interfere with the phase margin of the voltage regulation loop at its crossover frequency. It should also be sufficiently lower then the switching frequency of the converter so noise can be effectively attenuated. The recommended fHFP frequency is around 120Hz in PFC applications.
Step 14: Over Voltage Protection Setting (OVP)
R OV2 =
3.5V VOUT,LATCH POVP
Step 13: Compensation Components
C COMP,LF = 4.2V C OUT (2 f0 ) gM IOUT,MAX R FB2 RFB1 + RFB2
where 3.5V is the threshold voltage of the OVP comparator and POVP is the total dissipation of the resistive divider network. Typical POVP power loss is in the 50mW to 100mW range.
2
V R OV1 = OUT,LATCH - 1 R OV2 3.5V
where 4.2V is the control range of the error amplifier and f0 is the desired voltage loop crossover frequency. It is important to consider that the lowest output ripple frequency limits the voltage loop crossover frequency. In PFC applications that frequency is two times the AC line frequency. Therefore, the voltage loop bandwidth (f0), is typically in the 5Hz to 15Hz range. In order to guarantee closed loop soft start operation under all conditions it is recommended that:
ROV1 might have to be implemented as a series combination of two or three resistors depending on safety regulations, maximum voltage and or power rating of the selected resistor type.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 26
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Step 15: Input Line Voltage Sense Resistors
RG DG RCS
RIN2 =
3.6V VLINE,MAX
2 PINSNS
Figure 27. Recommended Speed Up Diode and Gate Resistor Schematic
where 3.8V is the threshold voltage of the line OVP comparator and PINSNS is the total dissipation of the resistive divider network. Typical PINSNS power loss is in the 50mW to 100mW range.
RIN1
2 VLINE,MAX = - 1 RIN2 3.6V
Step 17: Current Sense Resistors
R CS1 = R CS2 =
RIN1 might have to be implemented as a series combination of two or three resistors depending on safety regulations, maximum voltage and or power rating of the selected resistor type.
0.18V IL,PK
RINHYST
2 VLINE,ON RIN2 - 0 .9 V RIN1 + RIN2 = 2A
where 0.18V is the worst case threshold of the current limit comparator. The size and type of current sense resistors depends on their power dissipation and manufacturing considerations.
1 4 2 VLINE,OFF 2 PRCS1 = 1.5 IL,PK R CS1 - 6 9 VOUT
where the 1.5 factor is used for the worst case effect of the current limit threshold variation. When the current sense resistor is determined the minimum current sense threshold must be used to avoid activating over current protection too early as the power supply approaches full load condition. The worst case power dissipation of the current sense resistor happens when the current sense threshold is at its maximum value as defined in the datasheet. The ratio between the minimum and maximum thresholds squared (since the square of the current determines power dissipation) yields exactly the 1.5 factor used in the calculation.
where 0.9V is the threshold voltage of the line under voltage lockout comparator and 2A is the sink current provided by the FAN9612 at the VIN pin during line under voltage (brownout) condition. The sink current, together with the terminating impedance of the VIN pin determines the hysteresis between the turn-on and turn-off thresholds.
Step 16: Gate Resistors
It is recommended to place a low value resistor between the gate drive outputs, DRV1 and DRV2 pins of the FAN9612 and their corresponding power devices. The gate drive resistors have a beneficial effect to limit the current drawn from the VDD bypass capacitor during the turn-on of the power MOSFETs and to attenuate any potential oscillation in the gate drive circuits.
R G1 = R G2 =
VDDMAX 1.0 A
where 1.0A is the recommended peak value of the gate drive current. In order to take full advantage of the low output impedance of the drivers the gate resistor could be bypassed by a small diode to speed up the turn-off action of the power MOSFETs.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 27
PRELIMINARY
Typical Performance Characteristics -- Supply
Typical characteristics are provided at TA = 25C and VDD = 12V unless otherwise noted.
Figure 28. ISTARTUP vs. Temperature
Figure 29. Operating Current vs. Temperature
Figure 30. UVLO Thresholds vs. Temperature
Figure 31. UVLO Hysteresis vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 28
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Typical Performance Characteristics -- Control
Typical characteristics are provided at TA = 25C and VDD = 12V unless otherwise noted.
Figure 32. Transfer Function (Max ON Time vs. VIN)
Figure 33. Soft-start Current vs. Temperature
Figure 34. 5V Reference vs. Temperature.
Figure 35. EA Reference vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 29
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Typical Performance Characteristics -- Control
Typical characteristics are provided at TA = 25C and VDD = 12V unless otherwise noted.
Figure 36. Phase-Control Thresholds vs. Temperature
Gate Drive 1
Gate Drive 1
Gate Drive 2
Gate Drive 2
Inductor Current 1
Inductor Current 1
Inductor Current 2
Inductor Current 2
Figure 37. Phase-Shedding Operation
Figure 38. Phase-Adding Operation
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 30
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Typical Performance Characteristics -- Protection
Typical characteristics are provided at TA = 25C and VDD = 12V unless otherwise noted.
Figure 39. CS Threshold vs. Temperature
Figure 40. CS to OUT Delay vs. Temperature
Figure 41. Brown-Out Threshold vs. Temperature
Figure 42. Line OVP vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 31
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Typical Performance Characteristics -- Protection
Typical characteristics are provided at TA = 25C and VDD = 12V unless otherwise noted.
Figure 43. Non-Latching OVP vs. Temperature
Figure 44. Latching OVP vs. Temperature
Figure 45. OVP Hysteresis vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 32
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Typical Performance Characteristics -- Operation
Typical characteristics are provided at TA = 25C and VDD = 12V unless otherwise noted.
IL1 IL1
IL2 IL2
IL1 + IL2 IL1 + IL2
Figure 46. Ripple-Current Cancellation (110Vac)
Figure 47. Ripple-Current Cancellation (110Vac)
Vout Vout
Line Cur
Line Cur
Figure 48. No-load startup at 115Vac
Figure 49. Full-load startup at 115Vac
Line Vol
110Vac
Vout COMP Line Cur
220Vac
Figure 50. Input Voltage Feed-forward Notes: For full performance operational characteristics at both low line (110Vac) and high line (220Vac), as well as at no-load and full-load, please refer to FEB279 Evaluation Board User Guide: 400W Evaluation Board using FAN9612.
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 33
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Evaluation Board
FEB279: 400W Evaluation Board using FAN9612
FEB279 is an evaluation board for an interleaved dual boundary-conduction mode PFC converter rated at 400W (400V/1A) power. With phase management, the efficiency is maintained above 96% even down at 10% of the rated output power. The efficiencies for full load condition are 96.4% and 98.2% at line voltages of 115Vac and 230Vac respectively as shown below. For the full specification, design schematic, bill of materials and test results, see the evaluation board User Guide. Input Voltage VIN nominal: 85V~264Vac VDD supply: 13V~18Vdc Rated Output Power 400W Output Voltage (Rated Current) 400V (1A)
FAN9612 Efficiency vs. Load
(115 VAC Input, 400 VDC Output, 400 W)
100
95
Efficiency (%)
With Phase Management Without Phase Management
90
85 0 10 20 30 40 50 60 70 80 90 100
Output Power (%)
Figure 51.
Measured efficiency at 115Vac
FAN9612 Efficiency vs. Load
(230 VAC Input, 400 VDC Output, 400 W)
100
95
Efficiency (%)
With Phase Management Without Phase Management
90
85 0 10 20 30 40 50 60 70 80 90 100
Output Power (%)
Figure 52.
Measured efficiency at 230Vac
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 34
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Table 1.
Part Number
FAN7527B FAN7528 FAN7529 FAN7530 SG6961 FAN9612
Related Products
Description
Boundary Mode PFC Control IC Dual Output Critical Conduction Mode PFC Controller Critical Conduction Mode PFC Controller Critical Conduction Mode PFC Controller Green mode PFC Interleaved Dual BCM PFC Controller
PFC Control
Single BCM (CRM) Single BCM (CRM) Single BCM (CRM) Single BCM (CRM) Single BCM (CRM) Dual BCM (CRM)
Number of Pins
8 8 8 8 8 16
Comments
Industry Standard Pin-out. Low THD. For Boost Follower implementation. Low THD Low THD, Alternate pin-out of FAN7529 (pins 2 and 3 reversed). Industry Standard Pin-out with Green Mode Functions Dual BCM (CRM), 180 Out-of-Phase
Related Documents
Application Note AN-6086: Design Consideration for Interleaved Boundary Conduction Mode (BCM) PFC using FAN9612 Evaluation Board User Guide FEB279: 400W Evaluation Board using FAN9612 Fairchild Power Seminars 2008-2009 Paper: Understanding Interleaved Boundary Conduction Mode PFC Converters
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 35
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
Physical Dimensions
Figure 53. 16-Lead SOIC Package (M)
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 38
PRELIMINARY
FAN9612 -- Interleaved Dual BCM PFC Controller
(c) 2008 Fairchild Semiconductor Corporation FAN9612 * Rev. 0.9.1E
www.fairchildsemi.com 39


▲Up To Search▲   

 
Price & Availability of FAN9612M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X