|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
F1773-2000 Vishay Roederstein AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type FEATURES O dt 40 5 Lmax. 40 5 Supplied loose in box, taped on reel or ammopack RoHS compliant RATED VOLTAGE Dmax. Dimensions in mm AC 253 V; 50 Hz to 60 Hz LEAD DIAMETER dt (mm) 0.7 0.07 0.8 0.08 1.0 0.1 PERMISSIBLE DC VOLTAGE D (mm) 7 > 7 to < 16.5 16.5 DC 630 V ENCAPSULATION Plastic, epoxy resin sealed, flame retardant UL-class 94 V-0 APPLICATIONS High stabililty grade for continuous across the line X2 applications. See also application note: www.vishay.com/docs/28153/anaccaps.pdf CLIMATIC TESTING CLASS ACC. TO IEC 60068-1 C 1.0 F = 40/100/21/C C > 1.0 F = 40/085/21/C CAPACITANCE RANGE (E12 SERIES) REFERENCE STANDARDS IEC 60384-14 ed-3 and EN 60384-14 UL 1283 CSA E12 series 0.01 F X2 to 2.2 F X2 Preferred values acc. to E6 CAPACITANCE TOLERANCE 0.01 F to 0.1 F: 20 % 0.12 F to 2.2 F: 10 % MARKING C-value; tolerance; rated voltage; sub-class; manufacturer's type; code for dielectric material; manufacturer location; manufacturer's logo; year and week; safety approvals LEADS Tinned wire DIELECTRIC Polyester film MAXIMUM APPLICATION TEMPERATURE 100 C ELECTRODES Metallized DETAIL SPECIFICATION For more detailed data and test requirements contact: RFI@vishay.com CONSTRUCTION Series construction Document Number: 26507 Revision: 23-Sep-08 For technical questions, contact: RFI@vishay.com www.vishay.com 1 F1773-2000 Vishay Roederstein AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type COMPOSITION OF CATALOG NUMBER MULTIPLIER (nF) 0.1 1 10 100 2 3 4 5 CAPACITANCE (numerically) Example: 468 = 680 nF F 1773 X XX TYPE 2 XXX VOLTAGE (Vac) 2 = 253 V 000 900 901 PACKAGING Loose in box Tape on reel Taped in ammopack Note * For detailed tape specifications refer to "Packaging information" www.vishay.com/docs/28139/packinfo.pdf SPECIFIC REFERENCE DATA DESCRIPTION Rated AC voltage (URac) Permissible DC voltage (URdc) Tangent of loss angle Rated voltage pulse slope (dU/dt)R at 350 Vdc L 19 mm L 26.5 mm L 31.5 mm L 41.5 mm R between leads, for C 0.33 F at 100 V; 1 min RC between leads, for C > 0.33 F at 100 V; 1 min R between leads and case; 100 V; 1 min Withstanding (AC) voltage between leads and cover Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s Maximum application temperature 200 V/S 150 V/S 100 V/S 100 V/S > 15 000 M > 5000 s > 30 000 M 2000 V; - 1 min 1200 V; 1 min 100 C VALUE 253 V 630 V 100 x 10-4 at 1 kHz www.vishay.com 2 For technical questions, contact: RFI@vishay.com Document Number: 26507 Revision: 23-Sep-08 F1773-2000 AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type CAPACITANCE (F) 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 dt = 0.80 0.08 mm 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 dt = 1.0 0.1 mm 0.82 1.0 1.2 1.5 1.8 2.2 10 10 10 10 10 10 35.0 35.0 35.0 45.0 45.0 45.0 16.5 x 31.5 18.0 x 31.5 19.5 x 31.5 18.0 x 41.5 19.5 x 41.5 21.5 x 41.5 8.3 9.5 11.0 13.5 15.7 17.8 750 750 500 500 450 400 F1773-482-2... F1773-510-2... F1773-512-2... F1773-515-2... F1773-518-2... F1773-522-2... 20 20 20 20 10 10 10 10 10 10 10 10 10 10 22.5 22.5 22.5 22.5 22.5 30.0 30.0 30.0 30.0 30.0 30.0 30.0 35.0 35.0 8.0 x 19.0 8.0 x 19.0 9.0 x 19.0 9.5 x 19.0 10.5 x 19.0 8.5 x 26.5 9.5 x 26.5 10.0 x 26.5 11.0 x 26.5 12.0 x 26.5 13.0 x 26.5 14.0 x 26.5 14.0 x 31.5 15.0 x 31.5 1.6 1.6 1.8 2.0 2.2 2.2 2.6 2.8 3.3 3.8 4.7 5.5 6.2 6.7 1500 1500 1500 1000 1000 1000 1000 1000 750 750 750 1250 1000 1000 F1773-356-2... F1773-368-2... F1773-382-2... F1773-410-2... F1773-412-2... F1773-415-2... F1773-418-2... F1773-422-2... F1773-427-2... F1773-433-2... F1773-439-2... F1773-447-2... F1773-456-2... F1773-468-2... TOLERANCE (%) 20 20 20 20 20 20 20 20 20 PITCH (mm) 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 DIMENSIONS D x L (mm) 6.0 x 19.0 6.0 x 19.0 6.0 x 19.0 6.0 x 19.0 6.0 x 19.0 6.0 x 19.0 6.0 x 19.0 6.5 x 19.0 7.0 x 19.0 MASS (g) 0.9 0.9 0.9 0.9 0.9 0.9 0.9 1.0 1.1 Vishay Roederstein SPQ (1) (pieces) 1500 1500 1500 1500 1500 1500 1500 1500 1500 ORDERING CODE (2) dt = 0.70 0.07 mm F1773-310-2... F1773-312-2... F1773-315-2... F1773-318-2... F1773-322-2... F1773-327-2... F1773-333-2... F1773-339-2... F1773-347-2... Notes (1) SPQ = Standard Packaging Quantity (2) These capacitors can be delivered on continuous tape and reel; the ordering code is F1773-...-2900 taped on reel, F1773-...-2901 taped ammopack * For detailed tape specifications refer to packaging information: www.vishay.com/docs/28139/packinfo.pdf Document Number: 26507 Revision: 23-Sep-08 For technical questions, contact: RFI@vishay.com www.vishay.com 3 F1773-2000 Vishay Roederstein APPROVALS SAFETY APPROVALS X2 EN 60384-14 (ENEC) (= IEC 60384-14 ed-3) UL1283 CSA CB Test-Certificate VOLTAGE 253 Vac 250 Vac 253 Vac 253 Vac VALUE 0.01 F to 2.2 F X2 0.01 F to 2.2 F X 0.01 F to 1.0 F X2 0.01 F to 2.2 F X2 FILE NUMBERS 40005089 E 76297 1913342 DE 1-7470 AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type The ENEC-approval together with the CB-Certificate replace all national marks of the following countries (they have already signed the ENEC-Agreement): Austria; Belgium; Czech Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg; Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom. MOUNTING Normal Use The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for mounting in pinted-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to packaging information: www.vishay.com/docs/28139/packinfo.pdf Specific Method of Mounting to Withstand Vibration and Shock In order to withstand vibration and shock tests,it must be ensured that capacitor body is in good contact with the printed-circuit board: * For L 19 mm capacitors shall be mechanically fixed by the leads * For larger pitches the capacitors shall be mounted in the same way and the body clamped * The maximum diameter and length of the capacitors are specified in the dimensions table * Eccentricity as shown in the drawing below: 1 mm Storage Temperature * Storage temperature: Tstg = - 25 C to + 40 C with RH maximum 80 % without condensation Ratings and Characteristics Reference Conditions Unless otherwise specified, all electrical values apply to an ambient temperature of 23 1 C, an atmospheric pressure of 86 kPa to 106 kPa and a relative humidity of 50 2 %. For reference testing, a conditioning period shall be applied over 96 4 h by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20 %. www.vishay.com 4 For technical questions, contact: RFI@vishay.com Document Number: 26507 Revision: 23-Sep-08 F1773-2000 AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type CHARACTERISTICS Capacitance as a function of ambient temperature (typical curve) 6 C/C (%) 1 kHz 10 -1 Vishay Roederstein Impedance as a function of frequency (typical curve) 4 10 2 max. 0 10 Z () 0 0.68 F 1 0.33 F -4 -6 - 60 min. - 20 20 60 Tamb (C) 100 103 0.01 1 F 0.47 F 10 2 0.22 F typical 0.1 F -2 0.068 F 0.047 F 0.033 F 0.022 F 0.015 F 0.01 F 0.15 F 0.1 1 10 f (MHz) 100 Impedance (Z) as a function of frequency (f) at Ta = 20 C (average) Measurement with length 6 mm Tanget of loss angle as a function of frequency (typical curve) 10 3 Resonant frequency as a function of capacitance (typical curve) 102 f (MHz) Dissipation factor (X10-4) 3 2 1 101 10 2 100 C 0.33 F (curve 1) 0.33 F < C 1.2 F (curve 2) 1.2 F < C 2.2 F (curve 3) 10 2 X2 101 10 3 10 4 f (Hz) 10 5 10-1 101 102 103 C (nF) 104 Max. RMS voltage as a function of frequency 10 3 Max. RMS current as a function of frequency 104 2200 nF AC voltage (V) 10 AC current (mA) 3 1000 nF 470 nF 100 nF 47 nF 10 nF 102 10 2 101 100 Tamb 100 C 101 1 10 10 2 10 3 10 4 f (Hz) 10 5 10-1 1 10 Tamb 100 C 10 2 10 3 104 C (nF) 105 Document Number: 26507 Revision: 23-Sep-08 For technical questions, contact: RFI@vishay.com www.vishay.com 5 F1773-2000 Vishay Roederstein AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type Insulation resistance as a function of ambient temperature (typical curve) 105 RC (s) 104 103 102 - 50 0 50 Tamb (C) 100 APPLICATION NOTES AND LIMITING CONDITIONS * For X2 electromagnetic interference suppression where a higher stabililty grade is needed for continuous across the line applications (50/60 Hz) with a maximum mains voltage of 253 Vac. * These capacitors are not intended for continuous pulse application. For these situations capacitors of the AC and pulse programs must be used. * For series impedance applications we refer to application note: www.vishay.com/docs/28153/anaccaps.pdf * The maximum ambient temperature must not exceed 100 C. * Rated voltage pulse slope: If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 350 Vdc and divided by the applied voltage. INSPECTION REQUIREMENTS General Notes Sub-clause numbers of tests and performance requirements refer to the "Sectional Specification, Publication IEC 60384-14 ed-3 and Specific Reference Data". Group C inspection requirements SUB-CLAUSE NUMBER AND TEST SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 Dimensions (detail) Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz or for C > 1 F at 1 kHz Tensile: Load 10 N; 10 s Bending: Load 5 N; 4 x 90 No visible damage As specified in chapters "General data" of this specification CONDITIONS PERFORMANCE REQUIREMENTS 4.3 Robustness of terminations www.vishay.com 6 For technical questions, contact: RFI@vishay.com Document Number: 26507 Revision: 23-Sep-08 F1773-2000 AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type SUB-CLAUSE NUMBER AND TEST 4.4 Resistance to soldering heat CONDITIONS No pre-drying Method: 1A Solder bath: 280 C 5 C Duration: 10 s Isopropylalcohol at room temperature Method: 2 Immersion time: 5 0.5 min Recovery time: Min. 1 h, max. 2 h Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured initially Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured initially As specified in section "Insulation resistance" of this specification Vishay Roederstein PERFORMANCE REQUIREMENTS 4.19 Component solvent resistance 4.4.2 Final measurements Insulation resistance SUB-GROUP C1B PART OF SAMPLE OF SUB-GROUP C1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz or for C > 1 F at 1 kHz Isopropylalcohol at room temperature Method: 1 Rubbing material: Cotton wool Immersion time: 5 0.5 min A = - 40 C B = + 100 C 5 cycles Duration t = 30 min Visual examination Mounting: See section "Mounting" of this specification Procedure B4 Frequency range: 10 Hz to 55 Hz Amplitude: 0.75 mm or Acceleration 98 m/s (whichever is less severe) Total duration 6 h Visual examination Mounting: See section "Mounting" for more information Pulse shape: Half sine Acceleration: 490 m/s Duration of pulse: 11 ms 4.20 Solvent resistance of the marking No visible damage Legible marking 4.6 Rapid change of temperature 4.6.1 4.7 Inspection Vibration No visible damage 4.7.2 4.9 Final inspection Shock No visible damage Document Number: 26507 Revision: 23-Sep-08 For technical questions, contact: RFI@vishay.com www.vishay.com 7 F1773-2000 Vishay Roederstein SUB-CLAUSE NUMBER AND TEST 4.9.2 Final measurements AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type CONDITIONS Visual examination Capacitance Tangent of loss angle PERFORMANCE REQUIREMENTS No visible damage |C/C| 5 % of the value measured initially Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured initially As specified in section "Insulation resistance" of this specification Insulation resistance SUB-GROUP C1 COMBINED SAMPLE OF SPECIMENS OF SUB-GROUPS C1A AND C1B 4.11 Climatic sequence Capacitance Measured in 4.4.2 and 4.9.2 Tangent of loss angle: Measured initially in C1A and C1B Temperature: 100 C Duration: 16 h 4.11.1 Initial measurements 4.11.2 Dry heat 4.11.3 Damp heat cyclic Test Db First cycle 4.11.4 Cold 4.11.5 Damp heat cyclic Test Db remaining cycles 4.11.6 Final measurements Temperature: - 40 C Duration: 2 h Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured in 4.11.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.11.1. No permanent breakdown or flash-over 50 % of values specified in section "Insulation resistance" of this specification Voltage proof 1200 Vdc; 1 min between terminations Insulation resistance SUB-GROUP C2 4.12 Damp heat steady state 21 days; 40 C; 90 % to 95 % RH no load Capacitance Tangent of loss angle: For C 1 F at 10 kHz or for C > 1 F at 1 kHz 4.12.1 Initial measurements www.vishay.com 8 For technical questions, contact: RFI@vishay.com Document Number: 26507 Revision: 23-Sep-08 F1773-2000 AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type SUB-CLAUSE NUMBER AND TEST 4.12.3 Final measurements CONDITIONS Visual examination Capacitance Tangent of loss angle Vishay Roederstein PERFORMANCE REQUIREMENTS Voltage proof 1200 Vdc; 1 min between terminations Insulation resistance SUB-GROUP C3 4.13.1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz or for C > 1 F at 1 kHz 3 successive impulses, full wave, peak voltage: X2: 2.5 kV for C 1 F X2: 2.5 kV/C for C > 1 F Max. 24 pulses Duration: 1000 h 1.25 x URac at 100 C for C 1 F 1.25 x URac at 85 C for C > 1 F Once in every hour the voltage is increased to 1000 VRMS for 0.1 s via resistor of 47 5 % Visual examination Capacitance Tangent of loss angle No visible damage Legible marking |C/C| 5 % of the value measured in 4.12.1. Increase of tan : 0. 008 for: C 1 F or 0. 005 for: C > 1 F Compared to values measured in 4.12.1. No permanent breakdown or flash-over 50 % of values specified in section "Insulation resistance" of this specification 4.13 Impulse voltage No self healing breakdowns or flashover 4.14 Endurance 4.14.7 Final measurements No visible damage Legible marking |C/C| 10 % compared to values measured in 4.13.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.13.1. No permanent breakdown or flash-over Voltage proof 1200 Vdc; 1 min between terminations 2000 Vac; 1 min between terminations and case Insulation resistance SUB-GROUP C4 4.15 Charge and discharge 10 000 cycles Charged to 350 Vdc Discharge resistance: 350 Vdc R = --------------------------------2 x C (dU/dt) 4.15.1 Initial measurements Capacitance Tangent of loss angle: For C 1 F at 10 kHz or for C > 1 F at 1 kHz 50 % of values specified in section "Insulation resistance" of this specification Document Number: 26507 Revision: 23-Sep-08 For technical questions, contact: RFI@vishay.com www.vishay.com 9 F1773-2000 Vishay Roederstein SUB-CLAUSE NUMBER AND TEST 4.15.3 Final measurements Capacitance Tangent of loss angle AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type CONDITIONS PERFORMANCE REQUIREMENTS |C/C| 10 % compared to values measured in 4.15.1. Increase of tan : 0.008 for: C 1 F or 0.005 for: C > 1 F Compared to values measured in 4.15.1. 50 % of values specified in section "Insulation resistance" of this specification Insulation resistance SUB-GROUP C5 4.16 Radio frequency characteristic Resonance frequency 0.9 times the value as specified in section "Resonant frequency" of this specification SUB-GROUP C6 4.17 Passive flammability Class C Bore of gas jet: O 0.5 mm Fuel: Butane Test duration for actual volume V in mm: V 250: 5 s 250 < V 500: 10 s 500 < V 1750: 20 s V > 1750: 30 s One flame application After removing test flame from capacitor, the capacitor must not continue to burn for more than 30 s. No burning particle must drop from the sample. 12 mm ~ 8 mm 45.0 SUB-GROUP C7 4.18 Active flammability 20 cycles of 2.5 kV discharges on the test capacitor connected to URac The cheese cloth around the capacitors shall not burn with a flame. No electrical measurements are required. www.vishay.com 10 For technical questions, contact: RFI@vishay.com Document Number: 26507 Revision: 23-Sep-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of F1773-356-2 |