Part Number Hot Search : 
NC406 SSV08 0200CT NJM3524V 2SA1980U 256AI 635L3I3 01318
Product Description
Full Text Search
 

To Download ES07B-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES07B / ES07D
Vishay Semiconductors
Small Surface Mount Ultrafast Diodes
Features
For surface mounted applications Low profile package e3 Ideal for automated placement Glass passivated High temperature soldering: 260 C/ 10 seconds at terminals * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC * * * * *
17249
Mechanical Data
Case: JEDEC DO-219AB Plastic case Polarity: Band denotes cathode end Weight: approx. 15 mg (SMF(R))
Packaging codes-options: GS18 / 10 K per 13" reel (8 mm tape), 50 k/box GS08 / 3 K per 7" reel (8 mm tape), 30 k/box
Parts Table
Part ES07B ES07D Ordering code ES07B-GS18 or ES07B-GS08 ES07D-GS18 or ES07D-GS08 EB ED Marking Remarks Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Ttp = 105 C TA = 65 C Peak forward surge current 8.3 ms single half sine-wave TL = 25 C
1)
Test condition
Part ES07B ES07D ES07B ES07D ES07B ES07D
Symbol VRRM VRRM VRMS VRMS VDC VDC IF(AV) IF(AV) IFSM
Value 100 200 70 140 100 200 1.2 0.5 30
Unit V V V V V V A A A
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads ( 40 m thick)
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient Operating junction and storage temperature range 1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads ( 40 m thick) Document Number 85737 Rev. 1.7, 13-Apr-05 www.vishay.com 1 air1) Test condition Symbol RthJA TJ, TSTG Value 180 - 55 to + 150 Unit K/W C
ES07B / ES07D
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Maximum instantaneous forward voltage 1.0 A3) Test condition Symbol VF IR IR trr Cj 4 Min Typ. Max 0.98 10 50 25 Unit V A A ns pF
Maximum DC reverse current at TA = 25C rated DC blocking voltage TA = 100C Reverse recovery time Typical capacitance
3)
IF = 0.5 A, IR = 1 A, Irr = 0.25 A 4 V, 1 MHz
Pulse test, 300 s pulse with 1 % duty cycle
Typical Characteristics (Tamb = 25 C unless otherwise specified)
10 7,00
f = 1MHz
6,00 1
IF [A]
5,00
CD [pF]
4,00 3,00 2,00 1,00
0,1
typical @ 25C typical @ 150C typical @ 100C
0,01
0,001 0,00
18242
0,20
0,40
0,60 0,80 VF [V]
1,00
1,20
1,40
0,00 0,1
18244
1 VR [V]
10
100
Figure 1. Typical Forward Characteristics
Figure 3. Typ. Diode Capacitance vs. Reverse Voltage
1,4
ambient temperature tie point temperature
1000
Average Forward Current [A]
1,2 1,0
IR [A]
100
TJ=25C TJ=50C TJ=75C TJ=100C TJ=125C TJ=150C TJ=0C TJ=-50C
10
0,8 0,6 0,4
1
0,1
0,2 0,0 0
0,01 0 20 40 60 80 100 VR [V] 120 140 160 180 200
25
18243
100 50 75 Temperature (Ambient or Tie) [C]
125
150
18245
Figure 4. Typical Reverse Characteristics Figure 2. Forward Current Derating Curve
www.vishay.com 2
Document Number 85737 Rev. 1.7, 13-Apr-05
ES07B / ES07D
Vishay Semiconductors Package Dimensions in mm (Inches)
0.85 (0.033) 0.35 (0.014)
3.9 (0.152) 3.5 (0.137) 5
0.99 (0.039) 0.97 (0.038)
0.16 (0.006)
5
Z
Detail Z enlarged
Cathode Band Top View
1.9 (0.074) 1.7 (0.066) 0.10 max
1.2 (0.047) 0.8 (0.031)
2.9 (0.113) 2.7 (0.105) ISO Method E
Mounting Pad Layout
1.6 (0.062) 1.3 (0.051)
1.4 (0.055)
17247
Document Number 85737 Rev. 1.7, 13-Apr-05
www.vishay.com 3
ES07B / ES07D
Vishay Semiconductors Blistertape for SMF
PS
18513
www.vishay.com 4
Document Number 85737 Rev. 1.7, 13-Apr-05
ES07B / ES07D
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect t their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 85737 Rev. 1.7, 13-Apr-05
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ES07B-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X