Part Number Hot Search : 
X25160 MAC229A4 F18N50 MAC210A4 MAX1885 LZ9GG33M LTC3809 HBU31
Product Description
Full Text Search
 

To Download EGF1T-E35CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
EGF1T
Vishay General Semiconductor
Surface Mount Glass Passivated Ultrafast Rectifier
FEATURES * Cavity-free glass-passivated junction
(R)
* Ideal for automated placement * Ultrafast reverse recovery time * Low switching losses, high efficiency * Avalanche surge energy capability * Meets environmental standard MIL-S-19500 * Meets MSL level 1, per J-STD-020, LF maximum peak of 250 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS
* nted e Pat
* Glass-plastic encapsulation technique is covered by patent No. 3,996,602, brazed-lead assembly by Patent No. 3,930,306 and lead forming by Patent No. 5,151,846
DO-214BA (GF1)
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr EAS TJ max. 1.0 A 1300 V 20 A 75 ns 15 mJ 150 C
For use in high voltage rectification of photoflash application. MECHANICAL DATA Case: DO-214BA, molded plastic over glass body Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Device marking code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking Maximum average forward rectified current Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Non-repetitive avalanche energy at TA = 25 C, IAS = 1 A, L = 30 mH Operating junction and storage temperature range VRRM VRMS VDC IF(AV) IFSM EAS TJ, TSTG SYMBOL EGF1T ET 1300 910 1300 1.0 20 15 - 55 to + 150 V V V A A mJ C UNIT
Document Number: 88904 Revision: 13-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
EGF1T
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage Maximum DC reverse current (2) Typical reverse recovery time Typical junction capacitance Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms
(1)
TEST CONDITIONS 1.0 A VRM TJ = 25 C TJ = 25 C TJ = 125 C
SYMBOL VF IR trr CJ
EGF1T 3.0 5.0 50 75 8.0
UNIT V A ns pF
IF = 0.5 A, IR =1.0 A, Irr = 0.25 A 4.0 V, 1 MHz
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.95 x 0.95" (24 x 24 mm) copper pad areas SYMBOL RJA RJL EGF1T 50 20 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N EGF1T-E3/67A EGF1T-E3/5CA EGF1THE3/67A (1) EGF1THE3/5CA (1) UNIT WEIGHT (g) 0.104 0.104 0.104 0.104 PREFERRED PACKAGE CODE 67A 5CA 67A 5CA BASE QUANTITY 1500 6500 1500 6500 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
Note: (1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.5 25
Average Forward Current (A)
Forward Surge Current (A)
20
1.0
15
10
0.5
5
0 25 50 75 100 125 150 175
0 1 10 100
TL - Lead Temperature (C)
Number of Cycles
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88904 Revision: 13-May-08
New Product
EGF1T
Vishay General Semiconductor
100
100
Instantaneous Forward Current (A)
10
TJ = 150 C TJ = 125 C
Junction Capacitance (pF)
1
10
0.1
TJ = 25 C
0.01 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
1 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance Per Leg
100 TJ = 150 C 10 TJ = 125 C 1
100
Transient Thermal Impedance (C/W)
Instantaneous Reverse Leakage Current (A)
10
0.1
TJ = 25 C
0.01
0.001 10 20 30 40 50 60 70 80 90 100
1 0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Leakage Characteristics
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214BA (GF1)
Cathode Band
Mounting Pad Layout
0.066 (1.68) MIN.
0.076 (1.93) MAX.
0.066 (1.68) 0.040 (1.02)
0.187 (4.75) 0.167 (4.24) 0.015 (0.38) 0.0065 (0.17)
0.060 (1.52) MIN.
0.118 (3.00) 0.100 (2.54) 0.108 (2.74) 0.098 (2.49)
0.220 (5.58) REF.
0.060 (1.52) 0.030 (0.76)
0.006 (0.152) TYP. 0.226 (5.74) 0.196 (4.98)
0.114 (2.90) 0.094 (2.39)
Document Number: 88904 Revision: 13-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of EGF1T-E35CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X