Part Number Hot Search : 
SDA5649 TSM0505D LTC431 HV2601 SX8650 RQOP005D L7808ABP WJ115F1
Product Description
Full Text Search
 

To Download DUR57C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
DUR57C
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Features
2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C.BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.)
Per Segment Or ( DP)
UR (GaAsP/GaP) VF 7.6(3.8)
Unit
Absolute Maximum Ratings (TA=25C) Reverse Voltage
Per Segment Or ( DP)
UR (GaAsP/GaP) VR IF 20(10) 30(30)
Unit V mA
(IF=10mA) Forward Voltage (Max.)
Per Segment Or ( DP)
V
(IF=10mA) Reverse Current
Per Segment Or (Dp)
VF
10.0(5.0)
V
Forward Current
Per Segment Or ( DP)
(VR=20(10)V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 55490 V4 627
IR
10
uA
Forward Current (peak)
Per Segment Or ( DP)
1/10Duty Cycle 0.1ms Pulse Width Power Dissipation
Per Segment Or ( DP)
iFS
160
mA
P
627
nm
PT TA Tstg
300(150) -40 ~ +85 -40 ~ +85
mW C
D
625
nm
Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base]
45
nm
260C For 3~ 5 Seconds
C
15
pF
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
DUR57C
Red
GaAsP/GaP
12000
Common Cathode, Rt. Hand Decimal Checked : Shin Chi P.1/5
Published Date : MAR 04, 2008
Drawing No : SDSA2164
Part Number:
www.SunLED.com
DUR57C
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UR
Published Date : MAR 04, 2008
Drawing No : SDSA2164
V4
Checked : Shin Chi
P.2/5
Part Number:
www.SunLED.com
DUR57C
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 04, 2008
Drawing No : SDSA2164
V4
Checked : Shin Chi
P.3/5
Part Number:
www.SunLED.com
DUR57C
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 04, 2008
Drawing No : SDSA2164
V4
Checked : Shin Chi
P.4/5
Part Number:
www.SunLED.com
DUR57C
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUR57C
Published Date : MAR 04, 2008
Drawing No : SDSA2164
V4
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DUR57C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X