|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: DUG06C-1 www.SunLED.com 8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY Features 0.32 INCH DIGIT HEIGHT. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UG (GaP) 2.0 2.5 10 Unit V V uA P 565 nm D 568 nm 30 nm 260C For 3~5 Seconds C 15 pF Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd min. typ. 8427 Wavelength nm P Description DUG06C-1 Green GaP 1900 565 Common Cathode, Rt.Hand Decimal Published Date : FEB 29.2008 Drawing No : SDSA0398 V3 Checked : Shin Chi P.1/4 Part Number: DUG06C-1 www.SunLED.com 8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY UG Published Date : FEB 29.2008 Drawing No : SDSA0398 V3 Checked : Shin Chi P.2/4 Part Number: DUG06C-1 www.SunLED.com 8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 29.2008 Drawing No : SDSA0398 V3 Checked : Shin Chi P.3/4 Part Number: DUG06C-1 www.SunLED.com 8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY PACKING & LABEL SPECIFICATIONS DUG06C-1 Published Date : FEB 29.2008 Drawing No : SDSA0398 V3 Checked : Shin Chi P.4/4 |
Price & Availability of DUG06C-1 |