Part Number Hot Search : 
BR10100 MBR1060 78M05DT MB382 01102 MAX5978 MAX6164 ILX522K
Product Description
Full Text Search
 

To Download DCSD-150D-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DCSD-150 Series
150 Watt Single Output Chassis Mount DC/DC Converter
FEATURES
105C Output Capacitor Low Cost, High Reliability Compact Size, Light Weight 100% Full Load Burn-In Tested Built-In EMI Filter, Low Ripple Noise High Efficiency, Low Working Temperature Short Circuit, Overload, and Over Voltage Protected
(for 24V and 48V input types)
SPECIFICATIONS: DCSD-150 Series
All specifications are based on 25 C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances.
o
INPUT SPECIFICATIONS
Input Voltage DCSD-150B: DCSD-150C: DCSD-150D: DCSD-150B: DCSD-150C: DCSD-150D: DCSD-150D: DCSD-150D: 19 ~ 36VDC 36 ~ 72VDC 72 ~ 144VDC or 85~132VAC 8.5A at 24VDC 4.2A at 48VDC 2.1A at 96VDC 25A at 96VDC <0.75mA at 120VAC
Input Current Inrush Current Leakage Current
OUTPUT SPECIFICATIONS
Output Voltage Output Voltage Tolerance (See Note 3) Voltage Adjustability Output Current Line Regulation Load Regulation Ripple & Noise Output Power Setup, Rise, Hold Up Time See Table 1% See Table See Table 12V outputs: 0.5% 24V outputs: 0.3% 12V outputs: 0.5% 24V outputs: 0.3% 12V outputs: 120mVp-p 24V outputs: 150mVp-p See Table DCSD-150D (only): 2s, 50ms, 10ms/20ms 12V outputs: 16.8 ~ 20V / 10% Load 24V outputs: 31.5 ~ 37.5V / 10% Load 105%~135% Type: Foldback Current Limiting Reset: Auto recovery. See Table 1.5KVAC (input to output), 1.5KVAC (input to FG), 0.5KVAC (output to FG) 500VDC / 100M (input to output, input to FG, output to FG) -10C to +60C (refer to output derating curve) -20C to +85C 20% to 90% RH 10% to 95% RH 10~500Hz, 2G 10min./1cycle, Period for 60min. each axes 0.03%/C (0C~50C) 850 grams 199(L) x 110(W) x 50(H) mm
PROTECTION
Over Voltage Protection Over Load Protection
GENERAL SPECIFICATIONS
Efficiency Withstand Voltage Isolation Resistance
ENVIRONMENTAL SPECIFICATIONS
Working Temperature Storage Temperature Working Humidity Storage Humidity Vibration Temperature Coefficient
PHYSICAL SPECIFICATIONS
Weight Dimensions
SAFETY & EMC
EMC Standards
EN55022 CLASS B (Radiation), EN61000-4-2,3,4,6,8 ENV50204 Verification for DCSD-150B/C Series only, not including DCSD-150D series.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DCSD-150 Series
150 Watt Single Output Chassis Mount DC/DC Converter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model DCSD-150B-12 DCSD-150B-24 DCSD-150C-12 DCSD-150C-24 DCSD-150D-12 Input Voltage 24 VDC (19 ~ 36 VDC) 48 VDC (36 ~ 72 VDC) Output Voltage 12 VDC 24 VDC 12 VDC 24 VDC 12 VDC 24 VDC Voltage Rated Output Output Adjustability Current Ripple & Noise 11 ~ 16VDC 23 ~ 30VDC 11 ~ 16VDC 23 ~ 30VDC 11 ~ 16VDC 23 ~ 30VDC 12.5A 6.3A 12.5A 6.3A 12.5A 6.3A 120mVp-p 150mVp-p 120mVp-p 150mVp-p 120mVp-p 150mVp-p Output Power 150W 151.2W 150W 151.2W 150W 151.2W Efficiency 75% 80% 77% 79% 77% 82%
96 VDC DCSD-150D-24 (72 ~ 144 VDC)
NOTES
1. The DCSD-150 Series is designated as DCSD-150x-y where x can be B (19 ~ 36 VDC input voltage), C (36 ~ 72 VDC input voltage), or D (72 ~ 144 VDC input voltage) and y can be 12 or 24 for output voltage. 2. All parameters are specified at rated input, rated load and 25C 70% RH. ambient. 3. Tolerance includes setup tolerance, line regulation, and load regulation. 4. Ripple & noise are measured at 20MHz using a 12" twisted pair terminated with a 0.1uF & 47uF capacitor. 5. Line regulation is measured from low line to high line at rated load. 6. Load regulation is measured from 0% to 100% rated load.
DERATING CURVE
STATIC CHARACTERISTICS (DCSD-100D-24)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DCSD-150 Series
150 Watt Single Output Chassis Mount DC/DC Converter
MECHANICAL DRAWING
Unit: mm
Pin No. 1,2 3
Terminal Pin No. Assignment Assignment Pin. No Assignment INPUT 4,5 DC OUTPUT (-V) FG 6,7 DC OUTPUT (+V)
DCSD-150B,C Pin No. Assignment 1 DC INPUT (V+) 2 DC INPUT (V-)
DCSD-150D Pin No. Assignment 1,2 AC/DC INPUT
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of DCSD-150D-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X