Part Number Hot Search : 
CY7C4255 554FBX AD679AD MUR16 ZS310L AP450BN C143ZC NMH4812D
Product Description
Full Text Search
 

To Download BSV52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Switching Transistor BSV52
SOT-23
Transistors IC
Unit: mm
High current (max. 100 mA).
+0.1 2.4-0.1
Low voltage (max. 12 V).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
+0.1 2.9-0.1 +0.1 0.4-0.1
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Peak base current Total power dissipation Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient * Symbol VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Ramb Rth j-a Rating 20 12 5 100 200 100 250 -65 to +150 150 -65 to +150 500 K/W Unit V V V mA mA mA mW
* Transistor mounted on an FR4 printed-circuit board.
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BSV52
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Symbol ICBO IEBO hFE Testconditons IE = 0; VCB = 20 V IE = 0; VCB = 20 V; Tj = 125 IC = 0; VEB = 4 V VCE = 1 V, IC = 10 mA IC = 10 mA; IB = 300 iA collector-emitter saturation voltage VCEsat IC = 10 mA; IB = 1 mA IC = 50 mA; IB = 5 mA base-emitter saturation voltage Collector capacitance Emitter capacitance Transition frequency Turn-on time Delay time Rise time Turn-off time Storage time Fall time VBEsat Cc Ce fT ton td tr toff ts tf IC = 10 mA; IB = 1 mA IC = 50 mA; IB = 5 mA IE = iE = 0; VCB = 5 V; f = 1 MHz IC = iC = 0; VEB = 1 V; f = 1 MHz 40
Transistors IC
Min
Typ
Max 400 30 100 120 300 250 400
Unit nA iA nA
mV mV mV mV V pF pF MHz
700
850 1.4 4 4.5 500 10 4 6 20 10 10
400 IC = 10 mA; VCE = 10 V; f = 100 MHz ICon = 10 mA; IBon = 3 mA;IBoff = -1.5 mA
ns ns ns ns ns ns
Marking
Marking B2
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BSV52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X