Part Number Hot Search : 
20010 10ARM SL9009 2SA1489 GE15N03 RQK060 R5000R RN9169
Product Description
Full Text Search
 

To Download BD679A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BD675A/677A/679A/681
DESCRIPTION With TO-126 package Complement to type BD676A/678A/680A/682 DARLINGTON APPLICATIONS For medium power linear and switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER

BD675A BD677A BD679A
VCBO
HAN INC
Collector-base voltage Collector-emitter voltage Emitter -base voltage Collector current Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature
BD681
GE S
Open emitter
EMIC
CONDITIONS
OND
TOR UC
VALUE 45 60 80 100 45 60
UNIT
V
BD675A BD677A Open base BD679A
VCEO
V 80 100
BD681 VEBO IC ICM IB PC Tj Tstg Open collector
5 4 6 0.1
V A A A W ae ae
TC=25ae
40 150 -65~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER BD675A Collector-emitter sustaining voltage BD677A IC=50mA; IB=0 BD679A BD681 Collector-emitter saturation voltage BD675A/677A/679A BD681 BD675A/677A/679A BD681 BD675A Collector cut-off current IC=2A; IB=40mA SYMBOL
BD675A/677A/679A/681
CONDITIONS
MIN 45 60
TYP.
MAX
UNIT
VCEO(SUS)
V 80 100 2.8 V 2.5 2.5 V 2.5
VCEsat
IC=1.5A; IB=30mA IC=2A ; VCE=3V IC=1.5A ; VCE=3V VCB=45V; IE=0 VCB=60V; IE=0 VCB=80V; IE=0 VCB=100V; IE=0
VBE(ON)
Base-emitter voltage
ICBO
ICEO

BD677A BD679A BD681 BD675A BD677A BD679A BD681
Collector cut-off current
HAN INC
BD681
SEM GE
VCE=45V; VBE=0 VCE=60V; VBE=0 VCE=80V; VBE=0
OND IC
TOR UC
0.5
0.2
mA
mA
VCE=100V; VBE=0 VEB=5V; IC=0 IC=2A ; VCE=3V IC=1.5A ; VCE=3V 750 750 2 mA
IEBO
Emitter cut-off current BD675A/677A/679A
hFE
DC current gain
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BD675A/677A/679A/681
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD679A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X