Part Number Hot Search : 
78L07 R1020 LF2805A T200A BSCD32H C2SS001A APT30D4 IRF823
Product Description
Full Text Search
 

To Download BD136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package High current Complement to type BD135/137/139 APPLICATIONS Driver stages in high-fidelity amplifiers and television circuits
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
BD136 BD138 BD140
Absolute maximum ratings (Ta=25ae )
SYMBOL
VCBO
Collector-base voltage

PARAMETER
CONDITIONS
BD136 BD138 Open emitter
BD140
VCEO
VEBO IC ICM IBM Pt Tj Tstg Tamb
HAN INC
Collector-emitter voltage Emitter -base voltage Collector current (DC) Collector current-Peak Base current-Peak Total power dissipation Junction temperature Storage temperature
BD136 BD138
BD140
GE S
Open base
EMIC
OND
TOR UC
VALUE -45 -60 -100 -45 -60 -100 -5 -1.5 -2 -1
UNIT
V
V
Open collector
V A A A W ae ae ae
TmbU
70ae
8 150 -65~150 -65~150
Operating ambient temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-a Rth j-mb PARAMETER Thermal resistance from junction to ambient Thermal resistance from junction to mounting base VALUE 100 10 UNIT K/W K/W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS
BD136 BD138 BD140
SYMBOL
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-0.5A; IB=-50mA
-0.5
V
VBE
Base-emitter voltage
IC=-500mA ; VCE=-2V VCB=-30V; IE=0
-1.0
V
-100
nA
ICBO
Collector cut-off current VCB=-30V; IE=0 Tj=125ae -10 |I A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
nA
hFE-1
DC current gain DC current gain BD136-10;BD138-10;BD140-10 BD136-16;BD138-16;BD140-16
IC=-5mA ; VCE=-2V
40 63 63 100 25 250 160 250
hFE-2
hFE-3 fT
DC current gain
Transition frequency

IC=-150mA ; VCE=-2V
IC=-500mA ; VCE=-2V IC=-50mA; VCE=-5V ;f=100MHz
IN
ANG CH
EMIC ES
OND
TOR UC
160
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
BD136 BD138 BD140
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X