Part Number Hot Search : 
AIDL40 BU608 RF310 RL205 SAA7327 Z5248 SJ5018 2N6360
Product Description
Full Text Search
 

To Download BC869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP Medium Power Transistor BC869
Transistors
Features
High current. Three current gain selections. 1.2 W total power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Peak base current Total power dissipation *1 and *2 *1 and *3 *1 and *4 Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient *1 and *2 *1 and *3 *1 and *4 Thermal resistance from junction to solder point *1.Refer to SOT89 standard mounting conditions. *2.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated footprint. *3.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 1 cm2. *4.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 6 cm2. Rth(j-s) Rth(j-a) Tstg Tj Ramb Ptot Symbol VCBO VCEO VEBO IC ICM IBM Rating -32 -20 -5 -1 -2 -200 0.5 0.85 1.2 -65 to +150 150 -65 to +150 250 147 104 20 K/W K/W K/W K/W Unit V V V A A mA W W W
www.kexin.com.cn
1
SMD Type
BC869
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain BC868 hFE Symbol ICBO IEBO Testconditons VCB = -25 V, IE = 0 VCB = -25 V, IE = 0; Tj = 25 VEB = -5 V, IC = 0 IC = -5 mA; VCE = -10 V IC = -500 mA; VCE = -1 V IC = -1 A; VCE = -1 V BC868-16 BC869-25 Collector-emitter saturation voltage Base to emitter voltage Collector capacitance Transition frequency hFE hFE VCE(sat) VBE CC fT IC = -500 mA; VCE = -1 V IC = -500 mA; VCE = -1 V IC = -1 A; IB = -100 mA IC = -5 mA; VCE = -10 V IC = -1 A; VCE = -1 V IE = Ie = 0; VCB = -10 V; f = 1 MHz IC = -50 mA; VCE = -5 V; f = 100 MHz 40 50 85 60
Transistors
Min
Typ
Max -100 -10 -100
Unit nA iA nA
375
100 160
250 375 -500 -700 -1 28 140 mV mV V pF MHz
hFE Classification
TYPE Marking BC869 CEC BC869-16 CGC BC869-25 CHC
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BC869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X