Part Number Hot Search : 
IDT54 MODEL78 DTC123 PQG20 HD74AL KV2302A GV860 PS235
Product Description
Full Text Search
 

To Download BC868 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Medium Power Transistor BC868
Transistors
Features
High current Two current gain selections 1.2 W total power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current Peak collector current Peak base current Total power dissipation *1 and *2 *1 and *3 *1 and *4 Storage temperature Junction temperature ambient temperature Thermal resistance from junction to ambient *1 and *2 *1 and *3 *1 and *4 Thermal resistance from junction to solder point *1.Refer to SOT89 standard mounting conditions. *2.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated footprint. *3.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 1 cm2. *4.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 6 cm2. Rth(j-s) Tstg Tj Tamb Rth(j-a) Ptot Symbol VCBO VCEO VEBO IC ICM IBM Rating 32 20 5 1 2 200 0.5 0.85 1.2 -65 to +150 150 -65 to +150 250 147 104 20 K/W K/W K/W K/W Unit V V V A A mA W W W
www.kexin.com.cn
1
SMD Type
BC868
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Symbol ICBO Testconditons VCB = 25 V, IE = 0 VCB = 25 V, IE = 0; Tj = 25 Emitter cutoff current DC current gain BC868 hFE IEBO VEB = 5 V, IC = 0 IC = 5 mA; VCE = 10 V IC = 500 mA; VCE = 1 V IC = 1 A; VCE = 1 V BC868-25 Collector-emitter saturation voltage Base to emitter voltage Collector capacitance Transition frequency hFE VCE(sat) VBE CC fT IC = 500 mA; VCE = 1 V IC = 1 A; IB = 100 mA IC = 5 mA; VCE = 10 V IC = 1 A; VCE = 1 V IE = Ie = 0; VCB = 10 V; f = 1 MHz IC = 50 mA; VCE = 5 V; f = 100 MHz
Transistors
Min
Typ
Max 100 10 100
Unit nA iA nA
50 85 60 160 375 500 700 1 22 40 170 mV mV V pF MHz 375
hFE Classification
TYPE Marking BC868 CAC BC868-25 CDC
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BC868

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X