Part Number Hot Search : 
CY7B991 MC44C401 DA0620 BFS17P DS1668 1N416E LNBP10 6846AL
Product Description
Full Text Search
 

To Download BC846S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846 ... BC850
BC846 ... BC850 NPN
Surface Mount General Purpose Si-Epi-Planar Transistors Si-Epi-Planar Universaltransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 0.4 3 1.30.1 1.1
NPN
250 mW SOT-23 (TO-236) 0.01 g
Version 2006-06-02 Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 1.9 2
Dimensions - Mae [mm] 1=B 2=E 3=C
Maximum ratings (TA = 25C)
2.5 max
Grenzwerte (TA = 25C) BC846 BC847 BC850 45 V 50 V 6V 250 mW ) 100 mA 200 mA -55...+150C -55...+150C
1
BC848 BC849 30 V 30 V 5V
Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
B open E open C open
VCEO VCBO VEB0 Ptot IC ICM Tj TS
65 V 80 V
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis VCE = 5 V, IC = 10 A Group A Group B Group C Group A Group B Group C hFE hFE hFE hFE hFE hFE VCEsat VCEsat VBEsat VBEsat - - - 110 200 420 - - - -
Kennwerte (Tj = 25C) Typ. 90 150 270 180 290 520 90 mV 200 mV 700 mV 900 mV Max. - - - 220 450 800 250 mV 600 mV - -
VCE = 5 V, IC = 2 mA
Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
1 2
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BC846 ... BC850 Characteristics (Tj = 25C) Min. Base-Emitter-voltage - Basis-Emitter-Spannung 2) VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 10 mA Collector-Base cutoff current - Kollektor-Basis-Reststrom VCB = 30 V, (E open) VCE = 30 V, Tj = 125C, (E open) Emitter-Base cutoff current VEB = 5 V, (C open) Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat VCB = 10 V, IE =ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 5 V, IC = 200 A, RG = 2 k f = 1 kHz, f = 200 Hz BC846 ... BC848 BC849 ... BC850 F F RthA - - 2 dB 1.2 dB < 420 K/W 1) BC856 ... BC859 BC846A = 1A BC847A = 1E BC848A = 1J BC846B = 1B BC847B = 1F BC848B = 1K BC849B = 2B BC850B = 2F BC847C = 1G BC848C = 1L BC849C = 2C BC850C = 2G 10 dB 4 dB CEB0 - 9 pF - CCBO - 3.5 pF 6 pF fT - 300 MHz - IEB0 - - 100 nA ICB0 ICB0 - - - - 15 nA 5 A VBE VBE 580 mV - 660 mV - 700 mV 720 mV Kennwerte (Tj = 25C) Typ. Max.
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Marking of available current gain groups per type Stempelung der lieferbare Stromverstarkungsgruppen pro Typ
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BC846S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X