Part Number Hot Search : 
58LW064 W83321G SA24ARL 1N2441 MAX19 BL2040 PE1145MV PVD1052
Product Description
Full Text Search
 

To Download BAV199 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Dual surface mount low leakage diode
FEATURES
Medium speed current applications. Very low leakage current. Surface mount package ideally suited for automatic insertion
Production specification
BAV199
Pb
Lead-free
APPLICATIONS
Small signal switching SOT-23
ORDERING INFORMATION
Type No. BAV199 Marking JY Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Repetitive peak reverse voltage Working peak reverse voltage DC Reverse voltage RMS Reverse Voltage Peak forward surge current @t=1.0s @t=1.0ms @t=1.0s Forward continuous current Repetitive Peak Forward Current Power dissipation Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Range single diode double diode IFSM 4.0 1.0 0.5 160 140 500 250 500 -65-150 A Symbol VRRM VRWM VR VR(RMS) Value 85 60 Unit V V
IFM IFRM Pd RJA Tj,TSTG
mA mA mW /W
Document number: BL/SSSDC039 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Dual surface mount low leakage diode
Production specification
BAV199
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) IR Test conditions MIN 85 5.0 80 900 1000 1100 1250 2.0 3.0 MAX UNIT V nA nA
IR= 100A VR=75V VR=75V Tj=150 IF=1mA IF=10mA IF=50mA IF=150mA VR=0V f=1MHz
Forward voltage
VF
mV
Junction capacitance Reverse recovery time
Cj trr
pF S
IF=IR=10mA Irr=0.1*IR RL=100
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDC039 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Dual surface mount low leakage diode
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
BAV199
SOT-23
SOT-23
Dim A B C D E
G
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D
J
G
H C
H J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device BAV199 Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSDC039 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of BAV199

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X