Part Number Hot Search : 
LB1609 DRP10 TRANS RG4CZ 24121 ISL6251 SEL4925A C2610E
Product Description
Full Text Search
 

To Download BAT854W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky barrier (double) diodes BAT854W;BAT854AW BAT854CW;BAT854SW
Diodes
Features
Very low forward voltage Very low reverse current Guard ring protected Very small SMD package.
Absolute Maximum Ratings Ta = 25
Parameter Continuous reverse voltage Continuous forward current Repetitive peak forward current Non-repetitive peak forward current Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient Symbol VR IF IFRM IFSM Tstg Tj Tamb Rth j-a -65 tp 1 s; d 0.5 Conditions Min Max 40 200 300 1 -65 +150 150 +150 625 K/W Unit V mA mA A
t = 8.3 ms half sinewave;JEDEC method
Electrical Characteristics Ta = 25
Parameter Symbol Conditions IF = 0.1 mA IF = 1 mA Forward voltage VF IF = 10 mA IF = 30 mA IF = 100 mA Continuous reverse current Diode capacitance Note 1. Pulse test: tp 300 s; a 0.02. IR Cd VR = 25 V; Note 1 f = 1 MHz; VR = 1 V Typ 200 260 340 420 550 0.5 20 A pF mV Max Unit
Marking
Type Marking BTA854W 81 BAT854AW 82 BAT854CW 83 BAT854SW 84
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAT854W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X