Part Number Hot Search : 
MRF90 03101 Y100E 10N301C MAX17 50PI4 PM0022 SKM75GB
Product Description
Full Text Search
 

To Download BAT74S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Barrier Double Diode BAT74S
Diodes
SOT-363
+0.1 1.3-0.1 0.65
Unit: mm
Features
Low forward voltage Guard ring protected
0.1max
+0.15 2.3-0.15
0.525
0.36
Small SMD package.
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
Absolute Maximum Ratings Ta = 25
Parameter Per diode continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature Double diode operation continuous reverse voltage continuous reverse voltage continuous forward current repetitive peak forward current thermal resistance from junction to ambient Note 1. If both diodes are in forward operation at the same moment, total device current is max. 110 mA. If one diode is in reverse and the other in forward operation at the same moment, total device current is max. 200 mA. VR VR IF IFRM Rth j-a tp 1 s; a 0.5 series connection 30 60 110
(1)
Symbol
Conditions
Min
+0.05 0.95-0.05
Max
Unit
VR IF IFRM IFSM Tstg Tj Tamb -65 tp 1 s; a tp < 10 ms -65 0.5
30 200 300 600 +150 125 +125
V mA mA mA
V V mA mA K/W
200 416
+0.1 1.25-0.1
www.kexin.com.cn
1
SMD Type
BAT74S
Diodes
Electrical Characteristics Ta = 25
Parameter Symbol Conditions IF = 0.1 mA IF = 1 mA forward voltage VF IF = 10 mA IF = 30 mA IF = 100 mA reverse current reverse recovery time diode capacitance Note 1. Pulse test: tp = 300 s; a = 0.02. IR trr Cd VR = 25 V; note 1 when switched from IF = 10 mA to IR = 10 mA; RL = 100 ;measured at IR = 1 mA 10 pF Max 200 260 340 420 750 2 5 A ns mV Unit
f = 1 MHz; VR = 1 V
Marking
Marking 74
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BAT74S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X