Part Number Hot Search : 
010012TD 6PHR20 VQ2001P ON0621 T113031 RX300 1N4751 1616A
Product Description
Full Text Search
 

To Download BAS316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High-Speed Diode KAS316(BAS316)
SOD-323
Diodes
Unit: mm
Very small plastic SMD package High switching speed: max. 4 ns Continuous reverse voltage:max. 75 V Repetitive peak reverse voltage:max. 85 V Repetitive peak forward current:max. 500 mA.
0.475
+0.1 2.6-0.1
+0.05 0.3-0.05
Features
+0.1 1.7-0.1
+0.05 0.85-0.05
1.0max
0.375
Absolute Maximum Ratings Ta = 25
Parameter repetitive peak reverse voltage continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current t = 1 ms t=1 t=1s power dissipation junction temperature storage temperature PD Tj Tstg s IFSM Symbol VRRM VR IF IFRM Rating 85 75 250 500 4 1 0.5 400 150 -65 to +150 Unit V V mA mA A A A mW
Electrical Characteristics Ta = 25
Parameter Symbol IF = 1 mA Forwarad voltage VF IF = 10 mA IF = 50 mA IF = 150 mA VR = 25 V Leakage current IR VR = 75 V VR = 25 V; Tj = 150 VR = 75 V; Tj = 150 Junction Capacitance reverse recovery time CJ trr VR = 0, f = 1.0MHz when switched from IF = 10 mA to IR = 10mA; RL = 100 ; measured at IR = 1 mA Testconditons Min Typ Max 715 855 1 1.25 30 1 30 50 1.5 4 Unit mV mV v v nA A A A pF ns
Marking
Marking A6
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAS316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X