Part Number Hot Search : 
GH1420 101MC DT70V 3055E 5801106 04030 1N5243BT S1005
Product Description
Full Text Search
 

To Download BAS216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
HIGH-SPEED SWITCHING DIODE BAS216
Diodes
SOD110
Unit: mm
Features
Small ceramic SMD package High switching speed:max. 4 ns Continuous reverse voltage:max.75V Repetitive peak reverse voltage:max.85V Repetitive peak forward current:max. 500 mA.
cathode idenfifier
Absolute Maximum Ratings Ta = 25
Parameter Continuous peak reverse voltage Continuous reverse voltage Continuous forward current Repetitive peak forward current Symbol VRRM VR IF IFSM square wave; Tj = 25 Non-repetitive peak forwrad current IFSM t=1 A prior to surge; 4 1 0.5 ;note 1 -65 400 +150 150 mW A Note 1 Conditions Min Max 85 75 250 500 Unit V V mA mA
t = 1 ms t=1s Total power dissipation Storage temperature Junction temperature Note 1. Device mounted on an FR4 printed-circuit board. Ptot Tstg Tj Tamb = 25
www.kexin.com.cn
1
SMD Type
HIGH-SPEED SWITCHING DIODE BAS216
Diodes
Electrical Characteristics Ta = 25
Parameter Symbol Conditions IF = 1 mA forward voltage VF IF = 10 mA IF = 50 mA IF = 150 mA VR = 25 V capacitance reverse current IR VR = 75 V VR = 25 V, Tj = 150 VR = 25 V, Tj = 150 diods capacitance Cd VR = 1 V, f = 1 MHz when switched from IF = 10 mA to reverse recovery time trr IR = 10 mA; RL = 100 measured at IR = 1 mA forward recovery voltage Note 1.Pulsed test: tp = 300 s, a = 0.02. Vrr when switched from IF = 10 mA;tr = 20 ns 1.75 V 4 ns Min Max 715 855 1 1.25 30 1 30 50 1.5 Unit mV mV V V nA A A A pF
Marking
Marking A6
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BAS216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X