|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314B3C Round Diff No. Type : LED Lamps Package Dimension Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1. 5mm(0.059") down to the lead 3.Tolerances unless Dimension 0.25mm Features Choice of various viewing angles. Available on Tape and Reel. Reliable and robust. Descriptions The series is specially designed for application requiring higher brightness. The LED lamps are available with different colors, intensity, epoxy colors etc. 1 Applications TV set Monitor Telephone 2006/9/16 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm PART NO. AL-314B3C AL-314B3C Round Chip Material InGaN Diff No. Type : LED Lamps Emitted Color Blue Lens Color Water Clear Absolute Maximum Ratings at Ta=25 Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current (Duty 1/10@1KHz) Reverse Voltage Symbol IF Topr Tstg Tsol ESD PD IF (Peak) VR Rating 30 -40 to +85 -40 to +85 260 5 1000 120 100 5 Unit mA V mW mA V Electronic Optical Characteristics Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol IV 21/2 p d VF IR Min. 1400 Typ. 2000 15 475 470 30 3.5 Max. 4.0 50 Unit mcd deg nm nm nm V A Condition IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V 2 2006/9/16 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314B3C Round Diff No. Type : LED Lamps Reliability test items and conditions NO Item Test Conditions TEMP260 5 H+85 2 Temperature Cycle 30min 50 CYCLES 76 PCS 0/1 Test Sample Size Ac/Re Hours/Cycle 5 SEC 76 PCS 0/1 1 Solder Heat 5min L-55 30min H+100 5min 10set L-10 5min TEMP100 TEMP-55 TEMP25 IF=20mA 85 / 85%RH 3 Thermal Shock High Temperature Storage Low Temperature Storage 50 CYCLES 76 PCS 0/1 4 5 1000 HRS 1000 HRS 76 PCS 76 PCS 0/1 0/1 6 DC Operating Life High Temperature / High Humidity 1000 HRS 76 PCS 0/1 7 1000 HRS 76 PCS 0/1 3 2006/9/16 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314B3C Round Diff No. Type : LED Lamps 4 2006/9/16 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314B3C Round Diff No. Type : LED Lamps 5 2006/9/16 |
Price & Availability of AL-314B3C |