Part Number Hot Search : 
2SK121 MIMH51 ADV7197 D1204 UPD70108 2015R 2SB1477 00103
Product Description
Full Text Search
 

To Download 970-10360000BO100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 970-1036
Vishay Spectrol
Industrial Sensor for Harsh Environment (Throttle Position/Through Hole)
FEATURES
* Fully "sealed" robust package * Electrical connection: AMP superseal 1.5 series integrated connector * Through hole D drive * Mountable on both faces * Reference index indent * Return spring option * Standard electrical resistance (and custom options) The Model 970 has been specifically developed to operate and maintain high functional performance under harsh environmental conditions. These include: extremes of temperature, continuous vibration, chemical exposure and water immersion. This universal device is fully sealed to ingress protection IP67 providing high mechanical durability and long electrical life. This industrial sensor is suitable for a different variety of applications within the automotive, medical and robotic industries.
ELECTRICAL SPECIFICIATONS
PARAMETER Standard Resistance Resistance Tolerance Linearity (Absolute) Electrical Angle Output Smoothness Maximum Voltage Temperature Coefficient of Resistance 5 k, 20 C 30 % 2% Standard version 200 continuous rotation version 346 0.5 % 30.0 VDC 600 ppm/C
MECHANICAL SPECIFICATIONS
PARAMETER Rotation (Options) Stop Strength Fixed Torque (Recommended) Spring Torque Mounting Pitch 190 with mechanical stops 190 with mechanical stops and return spring 360 continuous 680 mNm minimum 2 to 3 Nm Minimum return 20 Nmm Maximum wind-up 115 Nmm 41 mm
ORDERING INFORMATION/DESCRIPTION
970 - 1036 MODEL 0000 VERSION 0000 Without spring return 0001 With spring return 0002 Continuous rotation BO100 PACKAGING Box of 100 pieces
SAP PART NUMBERING GUIDELINES
970 MODEL 1036 STYLE 0000 CONFIGURATION B30 PACKAGING
www.vishay.com 148
For technical questions, contact: sfer@vishay.com
Document Number: 57001 Revision: 20-Mar-07
Model 970-1036
Industrial Sensor for Harsh Environment (Throttle Position/Through Hole)
DIMENSIONS in inches (millimeters)
MOUNTING FACE O 8.00 - 8.05 40 10.7 LABEL PART NO DATA CODE 30
O 41 .00
Vishay Spectrol
PIN IDE NUMBER
5.1 - 5.55
25.3
3.0
5.42 - 5.92
1.2 INDEX SLOT ON BOTH FACES
SECTION A - A "D" DRIVE FEATURE DIRECTION OF ROTATION (D.O.R) 55.3
13.8
17.9
50.8
20.3
+ 0.00
6.14 - 0.07 ("D" DRIVE) ANGLE "A"
PROVIDES MATING HALF TO AMP SUPERSEAL 1.5 SERIES CONNECTOR 0.05 3.00 1.20
2.00 25.8 7.00
+ 0.20
4.4
2.20 0.05
4.0
19.00 2.0 10.0 16.0 MOUNTING FACE "A" SEE DETAIL Z 22.80
ENVIRONMENTAL SPECIFICATIONS
PARAMETER Vibration Shock Rotational Life Load Life Temperature Range Sealing Humidity Salt Spray 15 g thru 2000 Hz 50 g 5 000 000 full cycles 10 000 000 dither cycles (second rotation) 900 h - 40 C to + 130 C IP67 96 % at 40 C (500 h) 5 % solution at 40 C (300 h)
MARKING
Unit Identification Manufacturer's name and model number, resistance value, tolerance, data code and terminal identification
Document Number: 57001 Revision: 20-Mar-07
For technical questions, contact: sfer@vishay.com
www.vishay.com 149
10.80
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 970-10360000BO100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X