Part Number Hot Search : 
63SKUKB LC66E408 74AUC1G BCP56 P1800Z LTC3210 CPH3104 ANALOG
Product Description
Full Text Search
 

To Download 74ALVCH32245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ALVCH32245
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
s s
s
s
s
s
s s
s
3.6V TOLERANT INPUTS AND OUTPUTS HIGH SPEED: tPD = 3.0ns (MAX.) at VCC = 3.0 to 3.6V tPD = 3.7ns (MAX.) at VCC = 2.3 to 2.7V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V |IOH| = IOL = 8mA (MIN) at VCC = 2.3V OPERATING VOLTAGE RANGE: VCC(OPR) = 1.65V to 3.6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 32245 BUS HOLD PROVIDED ON BOTH SIDE LATCH-UP PERFORMANCE EXCEEDS 300mA ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
LFBGA96 (Top and Bottom view)
ORDER CODES
PACKAGE LFBGA96 TRAY 74ALVCH32245LB T&R 74ALVCH32245LBR
DESCRIPTION The 74ALVCH32245 is a low voltage CMOS 32-BIT BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for 1.65 to 3.6 V applications; it can be interfaced to 3.6V signal enviroment for both inputs and outputs. LOGIC DIAGRAM
This IC is intended for two-ways asynchronous communication between data buses: the direction of data trasmission is determined by DIR input. Any nG contol output governs eight BUS TRANSCEIVERS. Output Enable input (nG) tied together gives full 32-bit operation. When nG is LOW, the output are enabled. When nG is HIGH, the output are in high impedance state so that the buses are effectively isolated. Bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
February 2002
1/9
74ALVCH32245
PIN CONNECTION (Top view)
TERMINAL ASSIGNMENT
A 6 5 4 3 2 1 1A2 1A1 1G B 1A4 1A3 GND C 1A6 1A5 VCC VCC 1B5 1B6 D 1A8 1A7 E 2A2 2A1 F 2A4 2A3 VCC VCC 2B3 2B4 G 2A6 2A5 GND H 2A7 2A8 2G J 3A2 3A1 3G K 3A4 3A3 GND L 3A6 3A5 VCC VCC 3B5 3B6 M 3A8 3A7 N 4A2 4A1 P 4A4 4A3 VCC VCC 4B3 4B4 R 4A6 4A5 GND T 4A7 4A8 4G
GND GND GND GND 1B7 1B8 2B1 2B2
GND GND GND GND 3B7 3B8 4B1 4B2
1DIR GND 1B1 1B2 1B3 1B4
GND 2DIR 3DIR GND 2B5 2B6 2B8 2B7 3B1 3B2 3B3 3B4
GND 4DIR 4B5 4B6 4B8 4B7
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
SYMBOL nDIR nA1 to nA8 nB1 to nB8 nG GND VCC 2/9 NAME AND FUNCTION Directional Control Data Inputs/Outputs Data Inputs/Outputs Output Enable Inputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS nG L L H
X : Don`t Care Z : High Impedance
FUNCTION A BUS B BUS
OUTPUT Yn A=B B=A Z
nDIR L H X
OUTPUT INPUT INPUT OUTPUT Z Z
74ALVCH32245
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage (VCC = 0V) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCC + 0.5 - 50 - 50 50 100 400 -65 to +150 300 Unit V V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current per Supply Pin PD Power Dissipation Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL IOH, IOL Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage (VCC = 0V) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC =2.7V) High or Low Level Output Current (VCC = 2.3 to 2.5V) Operating Temperature Input Rise and Fall Time (note 2) Parameter Value 1.65 to 3.6 0 to 3.6 0 to 3.6 0 to VCC 24 12 8 -40 to +85 0 to 10 Unit V V V V mA mA mA C ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V
3/9
74ALVCH32245
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 VOH High Level Output Voltage 1.65 to 3.6 1.65 2.3 2.7 3.0 3.0 VOL Low Level Output Voltage 1.65 to 3.6 1.65 2.3 2.7 3.0 3.0 II II(HOLD) Input Leakage Current Input Hold Current 3.6 1.65 1.65 2.3 2.3 3 3 3.6 IOZ Ioff ICC ICC High Impedance Output Leakage Current Power Off Leakage Current Quiescent Supply Current ICC incr. per Input 3.6 0 3.6 3.0 to 3.6 IO=-100 A IO=-4 mA IO=-8 mA IO=-12 mA IO=-12 mA IO=-24 mA IO=100 A IO=4 mA IO=8 mA IO=12 mA IO=12 mA IO=24 mA VI = VCC or GND VI = 0.58V VI = 1.07V VI = 0.7V VI = 1.7V VI = 0.8V VI = 2V VI = 0 to 3.6V VO = VCC or GND VI or VO = 0 to 3.6V VI = VCC or GND, IO = 0 VIH = VCC-0.6V other VI= VCC or GND 25 -25 45 -45 75 -75 500 10 20 40 750 A A A A A VCC-0.2 1.2 1.7 2.2 2.4 2.2 0.2 0.45 0.7 0.4 0.4 0.55 5 A V V Value -40 to 85 C Min. 0.65VCC 1.7 2.0 0.35VCC 0.7 0.8 V Max. V Unit
VIH
High Level Input Voltage
VIL
Low Level Input Voltage
4/9
74ALVCH32245
AC ELECTRICAL CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 2.3 to 2.7 2.7 3.0 to 3.6 2.3 to 2.7 2.7 3.0 to 3.6 2.3 to 2.7 2.7 3.0 to 3.6 CL (pF) 30 50 50 30 50 50 30 50 50 Value -40 to 85 C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 3.7 3.6 3.0 5.7 5.4 4.4 5.2 4.6 4.1 ns Unit
tPLH tPHL
Propagation Delay Time
tPZL tPZH
Output Enable Time
ns
tPLZ tPHZ
Output Disable Time
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 2.5 3.3 VI = 0V or VCC VI = 0V or VCC fIN = 10MHz VI = 0V or VCC Value TA = 25 C Min. Typ. 4 8 22 28 Max. pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/32 (per circuit)
5/9
74ALVCH32245
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V) tPZH, tPHZ
RT = ZOUT of pulse generator (typically 50)
SWITCH Open 6V 2VCC GND
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
Symbol 3.0 to 3.6V VIH VM VX VY CL RL=R1 tr = tr 2.7V 1.5V VOL +0.3V VOH -0.3V 50pF 500 <2.5ns 2.7V 2.7V 1.5V VOL +0.3V VOH -0.3V 50pF 500 <2.5ns VCC 2.3 to 2.7V VCC VCC/2 VOL +0.15V VOH -0.15V 30pF 500 <2.0ns 1.65 to 1.95V VCC VCC/2 VOL +0.15V VOH -0.15V 30pF 1000 <2.0ns
6/9
74ALVCH32245
WAVEFORM 1: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
7/9
74ALVCH32245
LFBGA96 MECHANICAL DATA
mm. DIM. MIN. A B C D E F 1 0.5 0.8 .15 13.40 5.40 TYP MAX. 13.60 5.60 1.6 19.7 31.5 45.3 MIN. 527.5 212.6 TYP. MAX. 535.4 220.5 63.0 mils
8/9
74ALVCH32245
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of 74ALVCH32245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X