Part Number Hot Search : 
AT107 TSM9634F 2CLBW36 ZX84C8V 4707NT1 XXXXXX ZMC4V3 B25667
Product Description
Full Text Search
 

To Download 5SMY12M1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCE IC
= =
1200 V 150 A
IGBT-Die
5SMY 12M1200
Die size: 13.5 x 13.5 mm
Doc. No. 5SYA1639-01 Sep 06
* Ultra low loss thin IGBT die * Highly rugged SPT+ design * Large bondable emitter area
Maximum rated values
Parameter Collector-emitter voltage DC collector current Peak collector current Gate-emitter voltage IGBT short circuit SOA Junction temperature
1)
1)
Symbol Conditions VCES IC ICM VGES tpsc Tvj VCC = 900 V, VCEM 1200 V VGE 15 V, Tvj 125 C Limited by Tvjmax VGE = 0 V, Tvj 25 C
min
max 1200 150 300
Unit V A A V s C
-20
20 10
-40
150
Maximum rated values indicate limits beyond which damage to the device may occur per IEC 60747 - 9
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
5SMY 12M1200
IGBT characteristic values
Parameter Collector (-emitter) breakdown voltage Collector-emitter saturation voltage Collector cut-off current Gate leakage current Gate-emitter threshold voltage Gate charge Input capacitance Output capacitance Reverse transfer capacitance Internal gate resistance Turn-on delay time Rise time Turn-off delay time Fall time
2)
Symbol Conditions V(BR)CES VCE sat ICES IGES VGE(TO) Qge Cies Coes Cres RGint td(on) tr td(off) tf VCC = 600 V, IC = 150 A, RG = 6.8 , VGE = 15 V, L = 60 nH, inductive load VCC = 600 V, IC = 150 A, RG = 6.8 , VGE = 15 V, L = 60 nH, inductive load VCC = 600 V, IC = 150 A, VGE = 15 V, RG = 6.8 , L = 60 nH, inductive load, FWD: 2x 5SLX 12F1200 VCC = 600 V, IC = 150 A, VGE = 15 V, RG = 6.8 , L = 60 nH, inductive load Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C VGE = 0 V, IC = 1 mA, Tvj = 25 C IC = 150 A, VGE = 15 V VCE = 1200 V, VGE = 0 V Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C
min 1200
typ
max
Unit V
1.9 2.1 100 600 -200 5 6.2 1530 10.6 0.71 0.47 2 190 220 60 60 460 530 55 75 11.2 200 7
V V A A nA V nC nF ns ns ns ns
VCE = 0 V, VGE = 20 V, Tvj = 125 C IC = 6 mA, VCE = VGE, Tvj = 25 C IC = 150 A, VCE = 600 V, VGE = -15 ..15 V VCE = 25 V, VGE = 0 V, f = 1 MHz, Tvj = 25 C
Turn-on switching energy
Eon
mJ 16.7 9.8 mJ 15.3 650 A
Turn-off switching energy
Eoff
Short circuit current
2)
ISC
tpsc 10 s, VGE = 15 V, Tvj = 125 C, VCC = 900 V, VCEM 1200 V
Characteristic values according to IEC 60747 - 9
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1639-01 Sep 06 page 2 of 5
5SMY 12M1200
Mechanical properties
Parameter Overall die L x W Dimensions exposed L x W (except gate pad) front metal gate pad thickness Metallization
3) 3)
Unit 13.5 x 13.5 12.0 x 12.0 1.47 x 1.47 130 20 AlSi1 Al / Ti / Ni / Ag 4 1.2 mm mm mm m m m
LxW
front (E) back (C)
For assembly instructions refer to : IGBT and Diode chips from ABB Switzerland Ltd, Semiconductors, Doc. No. 5SYA 2033.
Outline drawing
1.58 1.47 0.05
G
13.47 0.05 1.47 0.05 1.57
12.31
11.96
Emitter
11.97 12.33 13.49 0.05
Note: all dimensions are shown in mm
This is an electrostatic sensitive device, please observe the international standard IEC 60747-1, Chap. IX. This product has been designed and qualified for Industrial Level.
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1639-01 Sep 06 page 3 of 5
5SMY 12M1200
300
450 VCE = 20 V 400
250 350 25 C 200 125 C 150 300 250 200 100 150 100 50 50 VGE = 15 V 0 0 1 2 VCE [V] 3 4 0 0 2 4 6 8 10 12 14 VGE [V] 25 C 125 C
IC [A]
Fig. 1
Typical on-state characteristics
Fig. 2
IC [A]
Typical transfer characteristics
160 140 120 100 80 Eon 60 VCC = 600 V RG = 6.8 ohm VGE = 15 V Tvj = 125 C L = 60 nH Eon, Eoff [mJ]
70 VCC = 600 V IC = 150 A VGE = 15 V Tvj = 125 C L = 60 nH Eon 40
60
50
Eon, Eoff [mJ]
30
20 40 Eoff 20
Esw [mJ] = 8.2 x E-4 x I C2 + 2.65 x E-2 x IC + 7.33
Eoff
10
0 0 100 200 IC [A] 300 400 500
0 0 10 20 30 40 50 RG [ohm]
Fig. 3
Typical switching characteristics vs collector current
Fig. 4
Typical switching characteristics vs gate resistor
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1639-01 Sep 06 page 4 of 5
5SMY 12M1200
20
100
VGE = 0 V fOSC = 1 MHz VOSC = 50 mV VCC = 600 V 15 VCC = 900 V VGE [V]
10
Cies
10
C [nF]
Coes
1
5 Cres IC = 150 A Tvj = 25 C 0 0.0 0.2 0.4 0.6 0.8 Qg [C] 1.0 1.2 1.4
0.1 0 5 10 15 20 VCE [V] 25 30 35
Fig. 5
Typical gate charge characteristics
Fig. 6
Typical capacitances vs collector-emitter voltage
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
ABB Switzerland Ltd Semiconductors Fabrikstrasse 3 CH-5600 Lenzburg, Switzerland Telephone Fax Email Internet +41 (0)58 586 1419 +41 (0)58 586 1306 abbsem@ch.abb.com www.abb.com/semiconductors
Doc. No. 5SYA1639-01 Sep 06


▲Up To Search▲   

 
Price & Availability of 5SMY12M1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X