Part Number Hot Search : 
GSYBA STUD434S B0735 R3040 PC100 OPB703A R3040 P1800EBL
Product Description
Full Text Search
 

To Download 3A325 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 3A325
Rev. B
Xinger Balun 50 to 25 Balanced
Description
The 3A325 is a low profile balanced to unbalanced transformer designed for pushpull amplifiers in an easy to use surface mount package for NMT450 and TV broadcast applications. These compact Xinger(R) surface mount baluns are ideal for high volume manufacturing and are more reliable and repeatable than traditional baluns. The 3A325 has an unbalanced port impedance of 50 and balanced port impedances of 25 to ground with a 50 balance between outputs. This eases the matching of the push-pull amplifier's power transistors, which have low impedance levels. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The Xinger(R) balun is a result of years of research and development culminating with a solution so unique, a patent is pending on the design approach. The 3A325 is available on tape and reel for pick and place high volume manufacturing.
ELECTRICAL SPECIFICATIONS***
Features:
* * * * * * * * * * * 470 - 860 MHz 180 Transformer 50 Ohm to 25 Ohm Broad Band Low Insertion Loss High Power Even Order Harmonic Suppression Input to Output DC Isolation Surface Mountable Tape & Reel Convenient Package
Frequency
MHz
Unbalanced Port Impedance
Ohms
Balanced Port Impedance*
Ohms
Return Loss
dB min
Insertion Loss**
dB max
470 - 860 Amplitude Balance
dB max
50 Phase Balance
Degrees max
25 Power Handling
Watts
10 JC
C / Watt
0.65 Operating Temp.
C
0.5
180+ 5.0
275
4.4
-55 to +85
***Specification based on performance of unit properly installed on microstrip printed circuit boards with 50 nominal impedance. Specifications subject to change without notice. **Insertion Loss specification excludes reflected power. *25 reference to ground
Outline Drawing
Top View (Near-side) Side View Botttom View (Far-side)
.750.010 [19.050.25]
.076.008 [1.930.20] Pin 2 Pin 2
.023.004 [0.580.10] .064.008 [1.630.20] Pin 1
Pin 1 GND
.870.010 [22.100.25]
.023.004 [0.580.10] GND
.129.004 [3.280.10]
.450.008 [11.440.20] .134.008 [3.400.20] Denotes Array Number Pin 3 Pin 3 .044.008 [1.120.20] .027.004 TYP [0.690.10]
Dimensions are in Inches [Millimeters] 3A325 Rev A Mechanical Outline
Available on Tape and Reel For Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model 3A325
Rev. B
Typical Performance: 300 MHz to 1000 MHz
Amplitude Balance 3A325
1 0.8 0.6
Return Loss 3A325
0 -5 -10
Am plitude Balance [dB]
R eturn Loss [dB ]
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1 300
-15 -20 -25 -30 -35 -40 300
400
500
600
700
800
900
1000
400
500
600
700
800
900
1000
Frequency [MHz]
Frequency [MHz] Phase Balance 3A325
-170 -172 -174
Insertion Loss 3A325
0 -0.05 -0.1
Insertion Loss [dB]
-0.15 -0.2 -0.25 -0.3 -0.35 -0.4 -0.45 -0.5 300
Phase Balance [deg]
400 500 600 700 800 900 1000
-176 -178 -180 -182 -184 -186 -188 -190 300
400
500
600
700
800
900
1000
Frequency [MHz]
Frequency [MHz]
Pin Configuration:
Mounting Configuration:
To ensure proper electrical and thermal performance there must be a ground plane with 100% solder connection underneath the part
Multiple plated thru holes to ground
.121 [3.07] .069 [1.77]
.325 [8.25] .610 [15.50] .130 [3.30] .650 [16.52]
.049 [1.24] .034 TYP [0.86] Dimensions are in Inches [Millimeters] 3A325 Rev A Mounting Footprint 50 Transmission Line
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Available on Tape and Reel For Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of 3A325

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X