Part Number Hot Search : 
78L24A 74HCT10D ES51999 AR630 16F628A SCS0540P 74FCT1 708AQ
Product Description
Full Text Search
 

To Download 2W01G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005G thru 2W10G
GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Amperes WOB
.366(9.3) .350(8.9) .220(5.6) .200(5.1)
FEATURES
Surge overload rating -60 amperes peak Ldeal for printed circuit board Reliable low cost construction utilizong molded plastic
technique results in expensive product
Mounting Position :Any Lead:sliver plated copper lead.
1.1 (27.9) MIN 1.0 (25.4) MIN
.032(0.81) POS. .028(0.71) LEAD
.220(5.6) .180(4.6) .220(5.6) .180(4.6) SPACING
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load I2t Rating for Fusing (t8.3ms) Maximum Forward Voltage Drop per Element at 2.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Maximum Temperature Voltage Drop per Element at 2.0A Peak Operating Temperature Range TJ Operating Temperature Range TSTG TA=25 TA=100 @TA=25
SYMBOL 2W005G 2W01G VRRM VRMS VDC I(AV) 50 35 50 100 70 100
2W02G 200 140 200
2W04G 400 280 400 2.0
2W06G 600 420 600
2W08G 800 560 800
2W10G 1000 700 1000
UNIT V V V A
Peak Forward Surage Current ,8.3m Single IFSM I2t VF IR TJ TSTG TJ TSTG 60 A A2S V uA mA pF
15.0 1.1 10.0 1.0 30 -55 to +150 -55 to +150
NOTES1.Measured at 1.0MHZ and applied reverse voltage of 4.0 volts.
~ 247 ~
RATING AND CHARACTERTIC CURVES
2W005G thru 2W10G
FIG.1-FORATING CURVE OUTPUT RECTIFIED CUURRENT AVERAGE FORWARD OUTPUTCURRENT AMPERES 2.0 PEAK FORWARD SURGE CURRENT AMPERES 60 50 40 30 20 10 0 1 10 NUMBER OF CYCLES AT 60HZ FIG.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 INSTANTANEOUS FORWARD CURRENT, AMPERES 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 100
TA=25 SINGLE SINE-WAVE JEDEC METHOD
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
0 50 100 150 AMBIENT TEMPERATURE FIG.3-TYPIACL REVERSE CHARACTERISTICS 10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERRES
1.0
TJ=100
0.1
TJ=25 PULSE WIDTH:300S 1% DUTY CYCLE
TJ=25
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT 100 60 40 CAPACITANCE,(pF) 20 10 6.0 4.0 2.0 1.0 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100
TJ=25, f=1MHZ Vsig=50m p-p
REVERSE VOLTAGE,VOLTS
~ 248 ~


▲Up To Search▲   

 
Price & Availability of 2W01G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X