![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMD Type MOSFET MOS Field Effect Transistor 2SK3573 TO-263 +0.1 1.27-0.1 Unit: mm +0.1 1.27-0.1 +0.2 4.57-0.2 Features 4.5V drive available. Low on-state resistance, +0.2 8.7-0.2 Low gate charge QG = 68nC TYP. (VDD = 16 V, VGS = 10 V, ID = 83 A) Built-in gate protection diode Surface mount device available +0.1 1.27-0.1 0.1max +0.1 0.81-0.1 +0.2 5.28-0.2 2.54 5.08 +0.1 -0.1 +0.2 2.54-0.2 +0.2 15.25-0.2 RDS(on)1 = 4.0m MAX. (VGS = 10 V, ID = 42A) +0.2 2.54-0.2 +0.2 0.4-0.2 Absolute Maximum Ratings Ta = 25 Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 20 20 83 332 105 1.5 150 -55 to +150 Unit V V A A W Electrical Characteristics Ta = 25 Parameter Drain cut-off current Gate leakage current Gate cut off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total Gate Charge Gate to Source Charge Gate to Drain Charge Symbol IDSS IGSS VGS(off) Yfs RDS(on)1 RDS(on)2 Ciss Coss Crss ton tr toff tf QG QGS QGD VDD = 16 V VGS = 10 V ID = 83 A ID=42A,VGS(on)=10V,RG=10 ,VDD=10V VDS=10V,VGS=0,f=1MHZ Testconditons VDS=20V,VGS=0 VGS= 20V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=42A VGS=10V,ID=42A VGS=4.5V,ID=42A 1.5 27 2.9 3.8 4000 1550 570 23 23 110 40 68 12 18 4.0 6.0 Min Typ Max 10 100 2.5 Unit A A V S m m pF pF pF ns ns ns ns nC nC nC 5.60 1 Gate 2 Drain 3 Source www.kexin.com.cn 1 |
Price & Availability of 2SK3573
![]() |