Part Number Hot Search : 
901YA 550D187 00158 P6SMB75C PLR135 110220 Z5233 54HC2
Product Description
Full Text Search
 

To Download 2SK3147S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N Cannel MOSFET 2SK3147S
IC MOSFET
Features
Low on-resistance RDS = 0.1 typ.
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
High speed switching
+0.2 9.70-0.2 +0.15 0.50-0.15
+0.1 0.80-0.1
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
4 V gate drive device can be driven from 5 V source
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 100 20 5 20 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cut off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=3A,VGS(on)=10V,RL=10 VDS=10V,VGS=0,f=1MHZ Testconditons VDS=100V,VGS=0 VGS= 16V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=3A VGS=10V,ID=3A VGS=4V,ID=3A 1..0 3.5 6 0.1 0.13 420 185 100 10 35 110 60 0.13 0.18 pF pF pF ns ns ns ns Min Typ Max 10 10 2.5 Unit A A V S
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3147S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X