Part Number Hot Search : 
S2560A EN55024 A1193 A1406 1WBST RCM7065X AD7846JN EP8302
Product Description
Full Text Search
 

To Download 2SK2094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N-Channel MOSFET 2SK2094
IC MOSFET
Features
Low on-resistance Fast switching speed Low-voltage drive
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
+0.2 9.70-0.2
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID Idp PD Tch Tstg Rating 60 20 2 8 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate threshold voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(th) Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf ID=1A,VGS(on)=10V,RL=30 ,RG=10 VDS=10V,VGS=0,f=1MHZ Testconditons VDS=60V,VGS=0 VGS= 20V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=1A VGS=10V,ID=1A VGS=4V,ID=1A 1.0 1.0 0.3 0.4 400 150 50 10 20 100 40 0.35 0.5 pF pF pF ns ns ns ns Min Typ Max 100 100 2.5 Unit A nA V S
3.80
Easily designed drive circuits
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X