Part Number Hot Search : 
WM8972L N2120 2SK2940 MSK50 LV640E TC74LC DH71010 101J2
Product Description
Full Text Search
 

To Download 2SD613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD613
DESCRIPTION *With TO-220C package *Complement to type 2SB633 *High breakdown voltage :VCEO=85V *High current 6A APPLICATIONS *Recommend for 25-35W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
*
Absolute maximum ratings(Tc=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 100 85 6 6 10 40 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; RBE= IC=5mA; IE=0 IE=5mA; IC=0 IC=4A;IB=0.4 A IC=1A ; VCE=5V VCB=40V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=3A ; VCE=5V IC=1A ; VCE=5V IE=0; VCB=10V;f=1MHz 40 20 15 110 MIN 85 100 6 TYP.
2SD613
MAX
UNIT V V V
2.0 1.5 0.1 0.1 320
V V mA mA
MHz pF
hFE-1 classifications C 40-80 D 60-120 E 100-200 F 160-320
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD613
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X