Part Number Hot Search : 
SF1608GD FDMC8200 01M10 IXTA2 BB179BLX 1102E 2SJ265 D64F26
Product Description
Full Text Search
 

To Download 2SD2115S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial 2SD2115S
TO-252
Transistors
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
Features
Low frequency power amplifier.
+0.15 1.50 -0.15
+0.15 6.50-0.15 +0.2 5.30-0.2
+0.2 9.70 -0.2
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 150 60 5 2 2.5 18 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Fall time Symbol Testconditons Min 150 60 5 10 150 0.8 1.3 0.6 V V is Typ Max Unit V V V iA V(BR)CBO IC = 1 mA, IE = 0 V(BR)CEO IC = 10 mA, RBE = V(BR)EBO IE = 1 mA, IC = 0 ICBO hFE VCB = 100 V, IE = 0 VCE = 5 V,IC = 1.5 A
VCE(sat) IC = 1.5 A,IB = 0.05 A VBE(sat) IC = 1.5 A,IB = 0.05 A tf IC = 1.5 A,IB = -IB2 =50 mA
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD2115S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X