Part Number Hot Search : 
Z100E 2SD1974 00146 00393 CFR105 UFDT48 MAX9994 DTA143X
Product Description
Full Text Search
 

To Download 2SD2079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2079
DESCRIPTION With TO-220F package DARLINGTON High DC current gain Low collector saturation voltage Complement to type 2SB1381 APPLICATIONS High power switching applications Hammer drive,pulse motor drive applications
PINNING PIN 1 2 3 Base Collector DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER
TOR NDU ICO E SEM ANG INCH
Emitter CONDITIONS VALUE 100 Collector-base voltage Open emitter Collector-emitter voltage Open base 100 7 5 8 0.5 Ta=25ae 2 Emitter-base voltage Collector current Collector current-peak Base current Open collector
Fig.1 simplified outline (TO-220F) and symbol
UNIT V V V A A A
PC
Collector dissipation TC=25ae 30 150 -55~150 ae ae
W
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=30mA ;IB=0 IC=3A ;IB=6mA IC=5A ;IB=20mA IC=3A ;IB=6mA VCB=100V; IE=0 VEB=6V; IC=0 IC=3A ; VCE=3V IC=5A ; VCE=3V 2000 1000 MIN 100
2SD2079
SYMBOL V(BR)CEO VCEsat-1 VCEsat-2 VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
1.5 2.5 2.5 100 2.5 15000 |I
V V V A mA
Switching times ton ts tf
TOR NDU ICO E SEM ANG INCH
Turn-on time Storage time 1.0 IB1=-IB2=6mA VCCO 30V ,RL=10| 4.0 Fall time 2.5 |I
|I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2079
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X