Part Number Hot Search : 
PA1801 C18F67 DSF1B CX96420 45MTC DSF1B C18F67 ISP1563
Product Description
Full Text Search
 

To Download 2SD2053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2053
DESCRIPTION With TO-3PN package Wide area of safe operation Complement to type 2SB1362 APPLICATIONS For high power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 150 Collector-base voltage Open emitter Collector-emitter voltage Open base 150 5 Emitter-base voltage Open collector Collector current (DC) Collector current (Pulse) Ta=25ae 9 15 2.5
UNIT V V V A A
PC
Collector power dissipation TC=25ae 100 150 -55~150 ae ae
W
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SD2053
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=25mA; IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=7A; IB=0.7A
2.0
V
VBE
Base-emitter on voltage
IC=7A;VCE=5V
1.8
V
ICBO
Collector cut-off current
VCB=150V; IE=0
50
|I
A
IEBO
Emitter cut-off current
VEB=5V; IC=0
50
|I
A
hFE-1
DC current gain
IC=20mA ; VCE=5V
20
hFE-2
hFE-3
fT
COB
hFE-2 Classifications Q 60-120 P
TOR NDU ICO E SEM ANG INCH
DC current gain IC=7A ; VCE=5V 15 Transition frequency IC=0.5A ; VCE=5V 20 Collector output capacitance f=1MHz;VCB=10V 150
DC current gain
IC=1A ; VCE=5V
60
200
MHz
pF
100-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2053
TOR NDU ICO E SEM ANG INCH
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X