Part Number Hot Search : 
PE7123 25LC32 ASI10742 PT8205 SD200 ISL55162 1820A AD8000
Product Description
Full Text Search
 

To Download 2SD1884 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-3PML package High breakdown voltage High reliability. High speed APPLICATIONS Color TV horizontal deflection output. Color display horizontal deflection output.
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SD1884
Fig.1 simplified outline (TO-3PML) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 1500 800 6 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25ae 5 20 60 150 -55~150
UNIT V V V A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1884
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter sustaining voltage Emitter cut-off current Collector cut-off current Collector cut-off current DC current gain DC current gain CONDITIONS IC=4A;IB=0.8 A IC=4A;IB=0.8 A IC=100mA;IB=0 VEB=4V; IC=0 VCB=800V; IE=0 VCE=1500V; RBE=0 IC=1 A ; VCE=5V IC=4A ; VCE=5V 8 800 1 10 1 |I MIN TYP. MAX 5.0 1.5 UNIT V V V mA A mA
SYMBOL VCEsat VBEsat VCEO(SUS) IEBO ICBO ICES hFE-1 hFE-2 tf
TOR NDU ICO E SEM ANG INCH
5 10 Fall time IC=4A;RL=50| ; IB1=0.8A IB2=-1.6AVCC=200V 0.1 0.3 |I
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1884
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1884
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SD1884

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X