Part Number Hot Search : 
24WC08 2SC28 80C51 EP120652 MSZ5260 24LCS21 MAX5901L 52045
Product Description
Full Text Search
 

To Download 2SD1680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1680
DESCRIPTION *With TO-3PFa package *High speed switching *High VCBO *Large collector power dissipation APPLICATIONS *For horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 70 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 330 200 6 7 10 3 W UNIT V V V A A
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1680
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=30mA ;IB=0
200
V
V(BR)CBO VCEsat
Collector-base breakdown voltage
IC=1mA; IE=0 IC=5A; IB=0.5A
330
V
Collector-emitter saturation voltage
1.0
V
VBEsat
Base-emitter saturation voltage
IC=5A; IB=0.5A VCE=330V; VBE=0 Ta=100 VEB=6V; IC=0
1.2 1 15 1
V
ICES
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE
DC current gain
IC=5A ; VCE=4V IC=5A IB1=0.8A,VEB=-5V,RB=0.5
15 s
tf
Fall time
0.75
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1680
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X