Part Number Hot Search : 
79L05 A27K1V1 W0805 R12SD12 LV138 30006 TP6A60 82910GL
Product Description
Full Text Search
 

To Download 2SD1238L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1238L
DESCRIPTION *With TO-3PN package *Low collector saturation voltage *Wide area of safe operation *Complement to type 2SB922L APPLICATIONS *Suitable for relay drivers, high-speed inverters,converters, and other largecurrent switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 90 80 6 12 20 80 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=1mA ;RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=6A; IB=0.6A VCB=80V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=2V IC=6A ; VCE=2V IC=1A ; VCE=5V 70 30 MIN 80 90 6
2SD1238L
TYP.
MAX
UNIT V V V
0.4 0.1 0.1 280
V mA mA
20
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A;IB1=-IB2=-0.5A VCC=50V;RL=10 0.2 1.7 0.2 s s s
hFE-1 Classifications Q 70-140 R 100-200 S 140-280
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1238L
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1238L
4


▲Up To Search▲   

 
Price & Availability of 2SD1238L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X