Part Number Hot Search : 
2SK2329 03C22 FP024M L4808CX SRF6G HDT62SR S9S08SG LE120CZ
Product Description
Full Text Search
 

To Download 2SC5214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Small Signal Transistor 2SC5214
Features
High fT fT=100MHz typ. Excellent linearity of dc forward current gain. High collector current ICM=1.5A. Small package for mounting.
Transistors
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Emitter-base voltage Collector-emitter voltage Peak collector current Collector current Collector dissipation Jumction temperature Storage temperature Symbol VCBO VEBO VCEO ICM IC PC Tj Tstg Rating 30 4 25 1.5 1 500 150 -55 to +150 Unit V V V A A mW
Electrical Characteristics Ta = 25
Parameter Colllector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter breakdown voltage Collector cutoff current Emitter cutoff current DC current gain Collector-emitter saturation voltage Gain bandwidth product Symbol Testconditons Min 30 4 25 1 1 55 300 0.5 100 V MHz Typ Max Unit V V V iA iA V(BR)CBO IC=10iA,IE=0 V(BR)EBO IE=10iA,IC=0 V(BR)CEO IC=100iA,RBE= ICBO IEBO hFE VCB=25V,IE=0 VEB=2V,IC=0 VCE=1V,IC=500mA
VCE(sat) IC=500mA,IB=25mA fT VCE=6V,IE=-10mA
hFE Classification
Marking hFE WC 55 110 WD 90 180 WE 150 300
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC5214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X