Part Number Hot Search : 
ST92195 C4020 R2010 NTE1871 A8439 HMC51 LN01301 KS899309
Product Description
Full Text Search
 

To Download 2SC5053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Medium Power Transistor 2SC5053
Transistors
Features
Low saturation voltage, typically VCE(sat) = 0.12V at IC / IB = 500mA / 50mA. PC=2W (on 40x40x0.7mm ceramic board).
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC IC (Pulse) *1 PC PC * Junction temperature Storage temperature *1. Single pulse, Pw=100ms, duty=1/2. *2. 40X40X0.7mm Ceramic board. Tj Tstg
2
Rating -60 -50 -5 -1 -2 0.5 2 150 -55 to +150
Unit V V V A A W W
Collector power dissipation
Electrical Characteristics Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Forward current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO IC=-50iA IC=-1mA IE=-50iA VCB=-40V VEB=-4V Testconditons Min -60 -50 -5 -0.1 -0.5 -0.4 120 150 20 270 MHz pF Typ Max Unit V V V iA iA V
VCE(sat) IC=-500mA,IB=-50mA hFE fT Cob VCE=-3V,IC=-0.5A VCE=-5V, IE= 50mA, f=100MHz VCB=-10V, IE=0A, f=1MHz
hFE Classification
Marking Rank CG QR
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC5053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X