Part Number Hot Search : 
01VXC SP207CT 1N925 AD7266 CL1100 UNR1118 P15NK FF0850M
Product Description
Full Text Search
 

To Download 2SC4412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
NPN Triple Diffused Planar Silicon Transistor 2SC4412
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
Features
+0.1 2.4-0.1
High breakdown voltage. Small reverse transfer capacitance and excellent high frequency characteristic(Cre : 1.0pF typ). Excellent DC current gain ratio(hFE ratio : 0.95 typ).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 300 300 5 50 100 250 150 -55 to +150 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Output capacitance Reverse transfer capacitance DC current gain ratio Collector-emitter saturation voltage Base-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-base breakdown voltage Symbol IcBO IEBO hFE fT Cob Cre hFE
ratio
Testconditons VCB = 200V , IE = 0 VEB = 4V , IC = 0 VCE = 6V , IC = 0.1 mA VCE = 6V , IC =1 mA VCE = 30V , IC = 10 mA VCB = 30V , f = 1MHz VCB = 30V , f = 1MHz hFE1/ hFE2
Min
Typ
+0.1 0.38-0.1
0-0.1
Max 0.1 0.1
Unit iA iA
100 100 70 1.5 1.0 0.95
320
MHz pF pF
VCE(sat) IC = 10mA , IB = 1mA VBE(sat) IC = 10mA , IB = 1mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 300 300 5
1.0 1.0
V V V V V
hFE Classification
Marking Rank hFE 4 100 200 QT 5 160 320
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC4412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X